Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14CA8-RF25 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STK14CA8-RF25
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-RF25 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-RF25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 13Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
10
HARDWARE STORE CYCLE
SYMBOLS
STK14CA8
NO.
Standard
Alternate
PARAMETER
MIN
MAX
UNITS
NOTES
31
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
µs
p
32
tHLHX
Hardware STORE Pulse Width
15
ns
33
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Notes
p: Read and Write cycles in progress before HSB is asserted are given this amount of time to complete.
HARDWARE STORE CYCLE
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
HIGH IMPEDENCE
31
tDELAY
DATA VALID
32
tHLHX
33
tHLBL
HIGH IMPEDENCE
DATA VALID
23
tSTORE


Similar Part No. - STK14CA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF25 CYPRESS-STK14CA8-RF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com