Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F450FD183M2K0C Datasheet(PDF) 4 Page - Kemet Corporation

Part # F450FD183M2K0C
Description  PHE450 Series Double Metallized Polypropylene Film
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F450FD183M2K0C Datasheet(HTML) 4 Page - Kemet Corporation

  F450FD183M2K0C Datasheet HTML 1Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 2Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 3Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 4Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 5Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 6Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 7Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 8Page - Kemet Corporation F450FD183M2K0C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3033_PHE450 • 9/15/2016
4
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PHE450 Series Double Metallized Polypropylene Film
Dimensions – Millimeters cont'd
L
B
H
d
p
LL
0.5
FRONT VIEW
SIDE VIEW
KEMET Size
Code
Legacy Size
Code
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
BL
B06
15
+/-0.4
7.5
Maximum
14.5
Maximum
18
Maximum
0.8
+/-0.05
BJ
B10
15
+/-0.4
6.5
Maximum
12.5
Maximum
18
Maximum
0.8
+/-0.05
BQ
B11
15
+/-0.4
8.5
Maximum
16
Maximum
18
Maximum
0.8
+/-0.05
BM
B12
15
+/-0.4
8
Maximum
15
Maximum
18
Maximum
0.8
+/-0.05
BV
B14
15
+/-0.4
9.5
Maximum
17.5
Maximum
18
Maximum
0.8
+/-0.05
BY
B16
15
+/-0.4
11
Maximum
19
Maximum
18
Maximum
0.8
+/-0.05
DD
D13
22.5
+/-0.4
6.5
Maximum
14.5
Maximum
26
Maximum
0.8
+/-0.05
DH
D14
22.5
+/-0.4
8
Maximum
16
Maximum
26
Maximum
0.8
+/-0.05
DM
D15
22.5
+/-0.4
9
Maximum
18.5
Maximum
26
Maximum
0.8
+/-0.05
DT
D16
22.5
+/-0.4
11
Maximum
21.5
Maximum
26
Maximum
0.8
+/-0.05
DF
D17
22.5
+/-0.4
7
Maximum
16.5
Maximum
26
Maximum
0.8
+/-0.05
DR
D18
22.5
+/-0.4
10.5
Maximum
19
Maximum
26
Maximum
0.8
+/-0.05
DY
D19
22.5
+/-0.4
15.5
Maximum
24.5
Maximum
26
Maximum
0.8
+/-0.05
DW
D20
22.5
+/-0.4
13.5
Maximum
23
Maximum
26
Maximum
0.8
+/-0.05
FK
F03
27.5
+/-0.4
13.5
Maximum
23
Maximum
31.5
Maximum
0.8
+/-0.05
FE
F11
27.5
+/-0.4
10.5
Maximum
20.5
Maximum
31.5
Maximum
0.8
+/-0.05
FG
F12
27.5
+/-0.4
11.5
Maximum
22.5
Maximum
31.5
Maximum
0.8
+/-0.05
FM
F13
27.5
+/-0.4
14.5
Maximum
24.5
Maximum
31.5
Maximum
0.8
+/-0.05
FR
F14
27.5
+/-0.4
17.5
Maximum
28
Maximum
31.5
Maximum
0.8
+/-0.05
FS
F15
27.5
+/-0.4
19
Maximum
29
Maximum
31.5
Maximum
0.8
+/-0.05
FV
F16
27.5
+/-0.4
21
Maximum
30
Maximum
31.5
Maximum
0.8
+/-0.05
FH
F17
27.5
+/-0.4
21
Maximum
12.5
Maximum
31.5
Maximum
0.8
+/-0.05
FT
F18
27.5
+/-0.4
31
Maximum
19
Maximum
31.5
Maximum
0.8
+/-0.05
FQ
F19
27.5
+/-0.4
27.5
Maximum
16
Maximum
31.5
Maximum
0.8
+/-0.05
RK
R02
37.5
+/-0.4
16.5
Maximum
32
Maximum
41
Maximum
1
+/-0.05
RM
R03
37.5
+/-0.4
19
Maximum
36
Maximum
41
Maximum
1
+/-0.05
RH
R04
37.5
+/-0.4
15
Maximum
26
Maximum
41
Maximum
1
+/-0.05
RF
R05
37.5
+/-0.4
13
Maximum
24
Maximum
41
Maximum
1
+/-0.05
RP
R06
37.5
+/-0.4
21
Maximum
38
Maximum
41
Maximum
1
+/-0.05
RS
R08
37.5
+/-0.4
28
Maximum
43
Maximum
41
Maximum
1
+/-0.05
Note: See Ordering Options Table for lead length (LL) options.


Similar Part No. - F450FD183M2K0C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F450 LITTELFUSE-F450 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
F450-ND LITTELFUSE-F450-ND Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
logo
Fox Electronics
F4500 FOX-F4500 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4500R FOX-F4500R Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4505 FOX-F4505 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
More results

Similar Description - F450FD183M2K0C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE450MD6470JR30 KEMET-PHE450MD6470JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450HA6100JR20 KEMET-PHE450HA6100JR20 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 10mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
PHE450RD6150JR30 KEMET-PHE450RD6150JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.15 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Kemet Corporation
PHE450PD6220JD16R30 KEMET-PHE450PD6220JD16R30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.22 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
PHE450XB4100JB04R17 KEMET-PHE450XB4100JB04R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1000 pF, 5%, 3,000 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com