Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z68 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MM3Z68
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MM3Z68 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MM3Z68 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM3Z68 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM3Z68 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-323
UNIT
mm
1.1
0.15
1.4
1.8
2.75
0.8
0.08
1.2
1.4
2.55
max
min
mil
max
min
43
32
5.9
3.1
55
47
70
63
108
100
A
C
D
E
E1
0.4
0.25
16
9.8
b
A1
0.45
0.2
7.9
16
0.2
8
SOD-323 mechanical data
SOD-323 mechanical data
L1
E
E
A
∠ALL ROUND
E1
L1
The recommended mounting pad size
1.4
(55)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
MM3Z2V0 THRU MM3Z75
www.yfwdiode.com


Similar Part No. - MM3Z68

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z68 DIOTEC-MM3Z68 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
Shanghai Shunye Electro...
MM3Z68 SY-MM3Z68 Datasheet
645Kb / 4P
   200mW Surface Mount Zener Diode
logo
SEMTECH ELECTRONICS LTD...
MM3Z68 SEMTECH_ELEC-MM3Z68 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
MM3Z68 JINANJINGHENG-MM3Z68 Datasheet
530Kb / 4P
   0.3W SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z68 HTSEMI-MM3Z68 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z68

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com