Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1W300 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MM1W300
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MM1W300 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MM1W300 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM1W300 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM1W300 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Planar Zener Diodes
• Total power dissipation: Max. 1 W.
• Wide zener reverse voltage range 3.3V to 330V.
• Small plastic package suitable for surface mounted design.
MECHANICAL DATA
▪ Case: SOD-123
• Terminals: Solderable per MIL-STD-750, Method 2026
FEATURES
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Absolute Maximum Ratings And Characteristics
Ta = 25
°C)
Parameter
Power Dissipation at T =75
L
°C
Operating and Storage Temperature Range
Symbol
Value
Unit
PD
1
W
°C
-55 ~ +150
T , T
j
stg
Forward Voltage at IF = 200 mA
VF
1.2
V
Typical thermal resistance juncting to ambient
RθJA
°C/W
300
(1)
0" X 2.0" (5 X 5 cm)
Thermal resistance from junction to ambient at P.C.B. mounted with 2.
copper areas pads.
(1)
Fig.1 Maximum Continuous Power Derating
0.2
0.4
0.6
0.8
1.0
1.2
0.0
25
50
75
100
125
150
175
T
°C)
c,Case Temperature (
0.01
100
1
10
100
Fig.2 Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
200
MM1W3V3 THRU MM1W330
Simplified outline SOD-123 and symbol
1
2
www.yfwdiode.com


Similar Part No. - MM1W300

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MM1W300 CHENDA-MM1W300 Datasheet
1Mb / 2P
   ZENER DIODES
logo
Xian Semipower Electron...
MM1W300 SEMIPOWER-MM1W300 Datasheet
115Kb / 3P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1W300 YFWDIODE-MM1W300 Datasheet
385Kb / 3P
   Silicon Planar Zener Diodes
logo
SHIKUES Electronics
MM1W300 SKTECHNOLGY-MM1W300 Datasheet
336Kb / 3P
   Silicon Planar Zener Diodes
logo
AiT Semiconductor Inc.
MM1W300 AITSEMI-MM1W300 Datasheet
585Kb / 6P
   ZENER DIODE 1W, WIDE ZENER VOLTAGE 3.3 TO 330V
REV1.0
More results

Similar Description - MM1W300

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com