Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z22 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MM3Z22
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MM3Z22 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MM3Z22 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM3Z22 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM3Z22 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Planar Zener Diodes
• Total power dissipation: Max. 200mW.
• Wide zener reverse voltage range 2.0V to 75V.
• Small plastic package suitable for surface mounted design.
MECHANICAL DATA
▪Case: SOD-323
▪Terminals: Solderable per MIL-STD-750, Method 2026
FEATURES
Tolerance approximately±5%
▪ pprox. Weight: 5.48mg / 0.00019oz
A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Absolute Maximum Ratings And Characteristics
Ta = 25
°C)
Parameter
Power Dissipation
Operating and Storage Temperature Range
Symbol
Value
Unit
Ptot
200
mW
°C
-55 ~ +150
T , T
j
stg
Forward Voltage at IF = 10 mA
VF
0.9
V
Typical thermal resistance juncting to ambient
RθJA
°C/W
417
(1)
Fig.1 Maximum Continuous Power Derating
0.1
0.2
0.3
0.4
0.5
0.6
0.0
25
50
75
100
125
150
175
T
°C)
c,Case Temperature (
MM3Z2V0 THRU MM3Z75
(1)
.0" X 2.0" (54 X 5 cm)
Thermal resistance from junction to ambient at P.C.B. mounted with 2
copper areas pads.
0.01
100
10
100
1000
Fig.2 Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
2000
Top View
Simplified outline SOD-323 and symbol
1
2
www.yfwdiode.com


Similar Part No. - MM3Z22

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z22 DIOTEC-MM3Z22 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
MM3Z22 DIOTEC-MM3Z22 Datasheet
149Kb / 2P
   SMD Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z22 SEMTECH_ELEC-MM3Z22 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
MM3Z22 LUGUANG-MM3Z22 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
logo
Shenzhen Jin Yu Semicon...
MM3Z22 HTSEMI-MM3Z22 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com