Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

748425245 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748425245
Description  Chip-Balun WE-BAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748425245 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748425245 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748425245 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748425245 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 748425245 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bezeichnung :
description :
ohne/ without DC-feed:
mit/ with DC-feed:
* Line width should be designed to match 50
Ω characteristic impedance,
depending on PCB material and thickness.
** Bypass capacitor should be connected when feeding DC power
* Impedance for ports 2 and 3 = ½ (Balanced Impedance)
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
748425245
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
H Lötpadempfehlung / solder pads:
K Messdiagramme/ measuring diagrams:
SMD-Balun WE-BAL
Chip-Balun WE-BAL
DATUM / DATE : 2004-10-11
Land
Solder Resist
Through-hole (Ø0.3)
*
*
*
0.35
1.0
0.3
0.8
*
*
*
0.35
1.0
0.3
0.8
1
2
3
6
5
4
RoHS
compliant
LF
Network
Analyzer
Port 3*
Port 1
( 50 Ω )
Port 2*
GND
GND
Units: mm
No.
No.
Terminal Name
Terminal Name
Unbalanced Port
GND or DC feed + RF GND
Balanced Port
Balanced Port
GND
NC
1
2
3
4
5
6
SEITE 2 VON 4


Similar Part No. - 748425245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748421245 WURTH-748421245 Datasheet
209Kb / 4P
   Spezifikation f체r Freigabe / specification for release
748421551 WURTH-748421551 Datasheet
210Kb / 4P
   Chip-Balun WE-BAL
748422245 WURTH-748422245 Datasheet
570Kb / 7P
   WE-BAL Multilayer Chip Balun
002.001
More results

Similar Description - 748425245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748411245 WURTH-748411245 Datasheet
165Kb / 4P
   Chip-Balun WE-BAL
748421551 WURTH-748421551 Datasheet
210Kb / 4P
   Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
   Chip-Balun WE-BAL
748412245 WURTH-748412245 Datasheet
186Kb / 4P
   Chip-Balun WE-BAL
748422245 WURTH-748422245 Datasheet
570Kb / 7P
   WE-BAL Multilayer Chip Balun
002.001
logo
STMicroelectronics
AN4315 STMICROELECTRONICS-AN4315 Datasheet
703Kb / 10P
   BAL-NRF02D3 matched balun with integrated harmonics filter
logo
Abracon Corporation
AMCB21 ABRACON-AMCB21 Datasheet
187Kb / 2P
   MULTILAYER CHIP BALUN
10.23.07
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com