Electronic Components Datasheet Search |
|
GBP305 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
GBP305 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
1 / 2 page 301 SINGLE-PHASE SILICON BRIDGE RECTIFIER REVERSE VOLTAGE: 50 to 1000 VOLTS FORWARD CURRENT: 3.0 AMPERE FEATURES · Reliable low cost construction utilizing molded plastic technique · Ideal for printed circuit board · Low forward voltage drop · Low reverse leakage current · High surge current capability MECHANICAL DATA Case: Molded plastic, Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD-202, method 208 guaranteed Mounting position: Any Maximum Ratings and Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60HZ, resistive or inductive load. For capacitive load, derate current by 20%. Symbols GBP301 GBP302 GBP303 GBP304 GBP305 GBP306 GBP307 Units Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 Volts Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at T A=50℃ Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 3.0A DC and 25℃ Maximum Reverse Current at TA=25℃ at Rated DC Blocking Voltage TA=100℃ Typical Junction Capacitance (Note 1) CJ pF Typical Thermal Resistance (Note 2) RθJA ℃ /W Typical Thermal Resistance (Note 2) RθJL ℃ /W Operating and Storage Temperature Range TJ,Tstg ℃ NOTES: 1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC. 2- Thermal Resistance Junction to Ambient and form junction to lead at 0.375"(9.5mm) lead length P.C.B. Mounted. -55 to +150 10.0 500 25 30 11 I(AV) IFSM VF 3.0 80 IR Amp Amp Volts uAmp 1.1 Dimensions in milimeters Package:GBP .580(14.75) .561(14.25) .110X45° (2.8) .410(10.20) .417(10.60) .046(1.17) .056(1.42) .034(.86) .030(.76) .140(3.56) .160(4.06) .091(2.3) .610(15.5) .571(14.5) .142(3.6) .133(3.4) .028(0.7) .043(1.1) .024(0.6) .012(0.3) .106(2.7) GBP Weight: 0.05 ounces , 1.42grams GBP 307 GBP THRU www.yfwdiode.com |
Similar Part No. - GBP305 |
|
Similar Description - GBP305 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |