Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9044 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9044
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9044 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9044 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9044 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9044 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9044 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9044 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
9
1
2
3
14
5
10
6
8
6
12
11
13
7
Socket base pin A1
BGA pin A1
12.725
12.725
2.50
Insulation plate - Backing plate stack-up
1.75mm deep cutouts for the components
3.1500
ITEM
NO.
DESCRIPTION
Material
1
Compression Screw M6x1
Stainless Steel (18-8)
2
Socket Lid
7075-T6 Aluminum Alloy
3
#0-80 Shoulder Screw, 0.062" thread length
Stainless Steel (303)
6
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
5
GHz Socket Base 10mm IC 3mm Thk
7075-T6 Aluminum Alloy
6
Custom backing plate
7075-T6 Aluminum Alloy
7
#0-80 X .313 LG, SOC HD CAP SCREW, ALLOY
STL, BLK OXIDE
Alloy Steel
8
Custom insulation plate
Ultem 1000
9
customer's target PCB
FR4
10
customer's device
Material <not specified>
11
Ball guide 8.9x9.2mm 0.4mm pitch 19x20 array
Kapton Polyimide/Cirlex
12
IC guide for 8.9x9.2mm IC
Torlon 4203
13
SM interposer
SM elastomer
14
Compression Plate for 8.9x9.2mm IC
7075-T6 Aluminum Alloy
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM-BGA 8.9x9.2mm 0.4mm pitch 19x20 array
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 12-17-2013
Material: Material <not specified>
Finish:
Weight: 7.03
SM-BGA-9044 Drawing
SCALE: 3.5:1
SHEET: 4 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9044 Dwg
DRAWN BY: M. Raske


Similar Part No. - SM-BGA-9044

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9041 IRONWOOD-SM-BGA-9041 Datasheet
416Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9042 IRONWOOD-SM-BGA-9042 Datasheet
670Kb / 6P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9043 IRONWOOD-SM-BGA-9043 Datasheet
412Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9045 IRONWOOD-SM-BGA-9045 Datasheet
322Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SM-BGA-9044

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com