Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB10F-05 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB10F-05
Description  0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB10F-05 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB10F-05 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB10F-05 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB10F-05 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°C
T =25
J
°C
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°C
0.2
0.3
0.4
0.5
0.6
0.1
25
50
75
100
125
150
175
Fig.1
Derating Curve
Average Rectified Output Current
Case Temperature (
°C)
Resistive or Inductive Load
10
20
30
00
10
100
1
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
0.5
1.0
1.5
2.0
0.0
Fig.3 Typical Instaneous Forward
Characteristics
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°C
pulse with 300μs
1% duty cycle
MB1F-05 THRU MB10F-05
www.yfwdiode.com


Similar Part No. - MB10F-05

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB10F-05 YFWDIODE-MB10F-05 Datasheet
424Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10F-05 YFWDIODE-MB10F-05 Datasheet
493Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - MB10F-05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
   0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LLB05S ZSELEC-LLB05S Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B05M ZSELEC-B05M Datasheet
47Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com