Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F450AD183K250C Datasheet(PDF) 2 Page - Kemet Corporation

Part # F450AD183K250C
Description  PHE450 Series Double Metallized Polypropylene Film
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F450AD183K250C Datasheet(HTML) 2 Page - Kemet Corporation

  F450AD183K250C Datasheet HTML 1Page - Kemet Corporation F450AD183K250C Datasheet HTML 2Page - Kemet Corporation F450AD183K250C Datasheet HTML 3Page - Kemet Corporation F450AD183K250C Datasheet HTML 4Page - Kemet Corporation F450AD183K250C Datasheet HTML 5Page - Kemet Corporation F450AD183K250C Datasheet HTML 6Page - Kemet Corporation F450AD183K250C Datasheet HTML 7Page - Kemet Corporation F450AD183K250C Datasheet HTML 8Page - Kemet Corporation F450AD183K250C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3033_PHE450 • 9/15/2016
2
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PHE450 Series Double Metallized Polypropylene Film
Ordering Options Table
(1) Please specify Bulk (Tray) or Pizza Packaging.
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
5+0/-1
C
R05
Ammo Pack
H
0= 18.5+/-0.5
R
R17TA
Bulk (Bag) – Long Leads
17+0/-1
A
R17
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20+5/-0
ALL0L
R20
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
R17T0
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
R17T1
10
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
5+0/-1
C
R05
Bulk (Bag) – Long Leads
17+0/-1
A
R17
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20+5/-0
ALL0L
R20
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
R17T0
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
R17T1
15
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Long Leads
17+0/-1
A
R17
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
25+5/-0
ALR0L
R25
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
R17T0
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
R17T1
Native 15
formed to 7.5
Ammo Pack
H
0=16.5+/-0.5
XLAF1
R25XA
Tape & Reel (Standard Reel)
H
0=16.5+/-0.5
XLTF1
R25X2
22.5
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/-1
C
R06L2(1)
Other Lead and Packaging Options
Bulk (Tray) – Max Length Leads
30+5/-0
ALW0L
R30
Tape & Reel (Standard Reel)
H
0= 18.5+/-0.5
L
R17T0
Tape & Reel (Large Reel)
H
0= 18.5+/-0.5
P
R17T1
Pizza Pack
6+0/-1
Z
R06L2(1)


Similar Part No. - F450AD183K250C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F450 LITTELFUSE-F450 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
F450-ND LITTELFUSE-F450-ND Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
logo
Fox Electronics
F4500 FOX-F4500 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4500R FOX-F4500R Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4505 FOX-F4505 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
More results

Similar Description - F450AD183K250C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE450MD6470JR30 KEMET-PHE450MD6470JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450HA6100JR20 KEMET-PHE450HA6100JR20 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 10mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
PHE450RD6150JR30 KEMET-PHE450RD6150JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.15 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Kemet Corporation
PHE450PD6220JD16R30 KEMET-PHE450PD6220JD16R30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.22 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
PHE450XB4100JB04R17 KEMET-PHE450XB4100JB04R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1000 pF, 5%, 3,000 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com