Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848510924K2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP1848510924K2
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848510924K2 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP1848510924K2 Datasheet HTML 1Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 2Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 3Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 4Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848510924K2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
5
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
700
UOPDC AT 70 °C = 800 V, UOPDC AT 105 °C = 500 V
35
30
45
42
37.5
10.2 / 20.3
40
1400
17
18.5
4
3.5
135
120
MKP1848635704P*
30
25
45
57.5
52.5
10.2
20
600
11
12
9
8
270
240
MKP1848630704Y*
35
25
45
57.5
52.5
10.2
20
700
12
12.5
7.5
7
270
240
MKP1848635704Y*
40
25
45
57.5
52.5
10.2
20
800
13
13.5
6.5
6
270
240
MKP1848640704Y*
45
30
45
57.5
52.5
20.3
20
900
14.5
15
6
5.5
270
240
MKP1848645704Y*
50
30
45
57.5
52.5
20.3
20
1000
15
15.5
5.5
5
270
240
MKP1848650704Y*
55
35
50
57.5
52.5
20.3
20
1100
17
18
5
4.5
270
240
MKP1848655704Y*
60
35
50
57.5
52.5
20.3
20
1200
18
19
4.5
4
270
240
MKP1848660704Y*
65
35
50
57.5
52.5
20.3
20
1300
19
20.5
4
3.5
270
240
MKP1848665704Y*
70
45
45
57.5
52.5
20.3
20
1400
-
20
-
3.5
-
240
MKP1848670704Y5
75
45
45
57.5
52.5
20.3
20
1500
-
21.5
-
3
-
240
MKP1848675704Y5
80
45
45
57.5
52.5
20.3
20
1600
-
21.5
-
3
-
240
MKP1848680704Y5
160
70
65
57.5
52.5
20.3
20
3200
-
30.5
-
2.5
-
280
MKP1848716704Y5 (6)
320
130
65
57.5
52.5
20.3
20
6400
-
54
-
1.3
-
280
MKP1848732704Y5 (7)
800
UOPDC AT 70 °C = 900 V, UOPDC AT 105 °C = 570 V
1
9
19
32
27.5
-
75
75
2
-
62.5
-
60
-
MKP1848510084K2
2
11
21
32
27.5
-
75
150
3.5
-
31
-
60
-
MKP1848520084K2
3
13
23
32
27.5
-
75
225
4.5
-
21
-
60
-
MKP1848530084K2
4
15
25
32
27.5
-
75
300
5.5
-
15.5
-
60
-
MKP1848540084K2
5
18
28
32
27.5
-
75
375
7
-
12.5
-
60
-
MKP1848550084K2
6
18
28
32
27.5
-
75
450
7.5
-
10.5
-
60
-
MKP1848560084K2
7
21
31
32
27.5
-
75
525
9
-
9
-
60
-
MKP1848570084K2
8
21
31
32
27.5
-
75
600
9.5
-
8
-
60
-
MKP1848580084K2
9
20
35
32
27.5
-
75
675
10
-
8
-
60
-
MKP1848590084K2
10
18.5
35.5
43
37.5
10.2
40
400
8
8.5
12.5
11
122
110
MKP1848610084P*
12
18.5
35.5
43
37.5
10.2
40
480
8.5
9
10.5
9
122
110
MKP1848612084P*
15
21.5
38.5
43
37.5
10.2
40
600
10
11
8.5
7.5
122
110
MKP1848615084P*
20
24
44
42
37.5
10.2
40
800
13
13.5
6
5.5
122
110
MKP1848620084P*
22
30
45
42
37.5
10.2 / 20.3
40
880
14.5
15.5
5.5
5
122
110
MKP1848622084P*
25
30
45
42
37.5
10.2 / 20.3
40
1000
15.5
16
5
4.5
122
110
MKP1848625084P*
30
25
45
57.5
52.5
10.2
10
300
12
12
8
7.5
240
215
MKP1848630084Y*
35
30
45
57.5
52.5
20.3
10
350
13
14.5
7
6
240
215
MKP1848635084Y*
40
30
45
57.5
52.5
20.3
10
400
14.5
15
6
5.5
240
215
MKP1848640084Y*
45
35
50
57.5
52.5
20.3
10
450
16
17
5.5
5
240
215
MKP1848645084Y*
50
35
50
57.5
52.5
20.3
10
500
17
18
5
4.5
240
215
MKP1848650084Y*
55
45
45
57.5
52.5
20.3
10
550
-
18.5
-
4
-
215
MKP1848655084Y5
60
45
45
57.5
52.5
20.3
10
600
-
20
-
3.5
-
215
MKP1848660084Y5
120
70
65
57.5
52.5
20.3
10
1600
-
27
-
3.2
-
215
MKP1848712084Y5 (6)
240
130
65
57.5
52.5
20.3
10
3200
-
48.5
-
1.6
-
215
MKP1848724084Y5 (7)
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848510924K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848510924K2 VISHAY-MKP1848510924K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848510924K2

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com