Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848714914Y5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1848714914Y5
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848714914Y5 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1848714914Y5 Datasheet HTML 1Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 2Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 3Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 4Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 5Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848714914Y5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
3
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Ø dt ± 10 % of standard diameter specified
6 PINS
12 PINS
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
450
UOPDC AT 70 °C = 500 V, UOPDC AT 105 °C = 300 V
1
9.0
19.0
32.0
27.5
-
75
75
2.5
-
54
-
85
-
MKP1848510454K2
2
9.0
19.0
32.0
27.5
-
75
150
3
-
34.5
-
85
-
MKP1848520454K2
3
11.0
21.0
32.0
27.5
-
75
225
4
-
23.0
-
85
-
MKP1848530454K2
4
11.0
21.0
32.0
27.5
-
75
300
4
-
20.5
-
85
-
MKP1848540454K2
5
13.0
23.0
32.0
27.5
-
75
375
5
-
16.5
-
85
-
MKP1848550454K2
6
15.0
25.0
32.0
27.5
-
75
450
6
-
13.5
-
85
-
MKP1848560454K2
7
15.0
25.0
32.0
27.5
-
75
525
6.5
-
11.5
-
85
-
MKP1848570454K2
8
18.0
28.0
32.0
27.5
-
75
600
8.5
-
8.5
-
85
-
MKP1848580454K2
9
18.0
28.0
32.0
27.5
-
75
675
8.5
-
9.0
-
85
-
MKP1848590454K2
10
18.0
28.0
32.0
27.5
-
75
750
9
-
8.0
-
85
-
MKP1848610454K2
12
21.0
31.0
32.0
27.5
-
75
900
10
-
7.0
-
85
-
MKP1848612454K2
15
20.0
35.0
32.0
27.5
-
75
1125
11.5
-
6.0
-
85
-
MKP1848615454K2
10
18.5
35.5
43.0
37.5
10.2
40
400
7.5
8
13.5
12.0
160
140
MKP1848610454P*
DIMENSIONS in millimeters
I
P1
Marking
w
h
6 - 2
Ø dt
P2
2 x P2
P1
P2
P2
I
P1
Marking
h
6 - 2
Ø dt
P2
2 x P2
3 x P2
4 x P2
5 x P2
w
P1
P2
2 x P2
3 x P2
4 x P2
5 x P2


Similar Part No. - MKP1848714914Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848710094Y5 VISHAY-MKP1848710094Y5 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848710454Y5 VISHAY-MKP1848710454Y5 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848712084K2 VISHAY-MKP1848712084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848712084K4 VISHAY-MKP1848712084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848712084P2 VISHAY-MKP1848712084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848714914Y5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com