Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5023CNDH Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5023CNDH
Description  Miniature-package Crystal Oscillator Module ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5023CNDH Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

  SM5023CNDH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5023CNDH Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SM5023 series
NIPPON PRECISION CIRCUITS INC.—8
Switching Time Measurement Waveform
Output duty level, tr, tf
Output duty cycle
Output Enable/Disable Delay
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measurement
voltage (0.5V DD
)
TW
DUTY measurement
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
Q output
INHN
VIH
VIL
tPLZ
tPZL
INHN input waveform
tr = tf 10ns


Similar Part No. - SM5023CNDH

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

Similar Description - SM5023CNDH

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5024 NPC-SM5024 Datasheet
112Kb / 9P
   Miniature-package Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com