Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMD3FHA Datasheet(PDF) 5 Page - Rohm

Part # EMD3FHA
Description  NPN PNP Complex Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD3FHA Datasheet(HTML) 5 Page - Rohm

  EMD3FHA Datasheet HTML 1Page - Rohm EMD3FHA Datasheet HTML 2Page - Rohm EMD3FHA Datasheet HTML 3Page - Rohm EMD3FHA Datasheet HTML 4Page - Rohm EMD3FHA Datasheet HTML 5Page - Rohm EMD3FHA Datasheet HTML 6Page - Rohm EMD3FHA Datasheet HTML 7Page - Rohm EMD3FHA Datasheet HTML 8Page - Rohm EMD3FHA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMD3 / UMD3N / IMD3A
l
Electrical characteristic curves (Ta = 25°C) <For DTr2(PNP)>
Fig.9 DC current gain vs. output current
Fig.8 Output current vs. output voltage
OUTPUT VOLTAGE : VO [V]
OUTPUT CURRENT : IO [A]
Fig.10 Output voltage vs. output current
OUTPUT CURRENT : IO [A]
0
-10
-20
-30
-40
-50
0
-5
-10
-
100mA
0A
-
120mA
-
140mA
-
160mA
-
180mA
-
200mA
-
220mA
-
240mA
-
260mA
-
280mA
-
300mA
II=
Ta=25ºC
5/8
2013.07 - Rev.E
EMD3FHA / UMD3NFHA / IMD3AFRA


Similar Part No. - EMD3FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD3FHA ROHM-EMD3FHA Datasheet
1Mb / 10P
   General purpose (dual digital transistor
More results

Similar Description - EMD3FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD6T2R ROHM-EMD6T2R Datasheet
517Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMD9AT108 ROHM-IMD9AT108 Datasheet
591Kb / 9P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMD6NTR ROHM-UMD6NTR Datasheet
516Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD4T2R ROHM-EMD4T2R Datasheet
563Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com