Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848550094K2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1848550094K2
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848550094K2 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1848550094K2 Datasheet HTML 1Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 2Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 3Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 4Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848550094K2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
1
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metallized Polypropylene Film Capacitors
DC-Link Capacitor
FEATURES
• High performance DC filter
•Low ESR
• High peak current capabilities
• High RMS current capabilities
• AEC-Q200 qualified
• Mounting: radial
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• High performance DC filtering
• HEV / EV: i.e. power train and OBC
• Renewable energies inverters
• Motor drives
• Power supplies
Notes
•For more detailed data and test requirements, contact dc-film@vishay.com
• For general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147
(1) See document “Voltage Proof Test for Metalized Film Capacitors” (www.vishay.com/doc?28169)
QUICK REFERENCE DATA
Rated capacitance range
1 μF to 400 μF
Capacitance tolerance
5 %
Rated voltage range, UNDC
450 V to 1200 V
Climatic testing class
40/105/56
Rated temperature
85 °C
Maximum permissible case temperature
105 °C, observing voltage derating
Maximum applicable peak to peak ripple voltage
0.2 x UNDC
Reference standards
IEC 61071, IEC 60068
Dielectric
Polypropylene film
Electrodes
Metallized dielectric capacitor
Construction
Mono construction
Encapsulation
Plastic case, sealed with resin; flame retardant
Terminals
Tinned wires
Self inductance (LS)
< 1 nH per mm of lead spacing
Withstanding DC voltage between terminals (1)
1.5 UNDC for 10 s, cut off current 10 mA, rise time  1000 V/s
Insulation resistance
RC between leads, after 1 min > 10 000 s
For UNDC  500 V measuring voltage 100 V
For UNDC > 500 V measuring voltage 500 V
Life time expectancy
Useful life time: > 100 000 h at UNDC and 70 °C
FIT: < 10 x 10-9/h (10 per 109 component h) at 0.5 x UNDC, 40 °C
Marking
C-value; tolerance; rated voltage; code for dielectric material;
code for manufacturing origin; manufacturer’s type designation;
manufacturer’s logo; year and week of manufacture
DC VOLTAGE RATINGS
UNDC at 85 °C
450 V
700 V
800 V
900 V
1100 V
1200 V
UOPDC at 70 °C
500 V
800 V
900 V
1100 V
1350 V
1500 V
UOPDC at 105 °C
300 V
500 V
570 V
650 V
800 V
850 V


Similar Part No. - MKP1848550094K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848550094K2 VISHAY-MKP1848550094K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848550094K2

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com