Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847615314P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1847615314P
Description  Metallized Polypropylene Film Capacitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847615314P Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1847615314P Datasheet HTML 1Page - Vishay Siliconix MKP1847615314P Datasheet HTML 2Page - Vishay Siliconix MKP1847615314P Datasheet HTML 3Page - Vishay Siliconix MKP1847615314P Datasheet HTML 4Page - Vishay Siliconix MKP1847615314P Datasheet HTML 5Page - Vishay Siliconix MKP1847615314P Datasheet HTML 6Page - Vishay Siliconix MKP1847615314P Datasheet HTML 7Page - Vishay Siliconix MKP1847615314P Datasheet HTML 8Page - Vishay Siliconix MKP1847615314P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 31-Jan-17
4
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
250
UNDC = 500 V; UOPAC AT 85 °C = 250 VRMS; UOPAC AT 105 °C = 175 VRMS
20
30.0
45.0
42.0
37.5
10.2 / 20.3
25
500
10
11
10
8
70
65
MKP1847620254P*
22
30.0
45.0
42.0
37.5
10.2 / 20.3
25
550
15
16
10
8
70
65
MKP1847622254P*
25
30.0
45.0
42.0
37.5
10.2 / 20.3
25
625
16
17
10
8
70
65
MKP1847625254P*
15
25.0
45.0
57.5
52.5
10.2
12
180
12
13
16
14
135
125
MKP1847615254Y*
20
25.0
45.0
57.5
52.5
10.2
12
240
12
13
16
14
135
125
MKP1847620254Y*
22
25.0
45.0
57.5
52.5
10.2
12
264
12
13
16
14
135
125
MKP1847622254Y*
25
25.0
45.0
57.5
52.5
10.2
12
300
13
14
16
14
135
125
MKP1847625254Y*
30
30.0
45.0
57.5
52.5
20.3
12
360
15
16
16
14
135
125
MKP1847630254Y*
35
30.0
45.0
57.5
52.5
20.3
12
420
16
17
16
14
135
125
MKP1847635254Y*
40
35.0
50.0
57.5
52.5
20.3
12
480
19
20
16
14
135
125
MKP1847640254Y*
45
35.0
50.0
57.5
52.5
20.3
12
540
20
21
16
14
135
125
MKP1847645254Y*
50
35.0
50.0
57.5
52.5
20.3
12
600
21
22
16
14
135
125
MKP1847650254Y*
55
45.0
45.0
57.5
52.5
20.3
12
660
-
24
-
14
-
125
MKP1847655254Y5
60
45.0
45.0
57.5
52.5
20.3
12
720
-
25
-
14
-
125
MKP1847660255Y5
275
UNDC = 600 V; UOPAC AT 85 °C = 275 VRMS; UOPAC AT 105 °C = 190 VRMS
1
9.0
19.0
32.0
27.5
-
55
55
2.5
-
5
-
25
-
MKP1847510274K2
2
13.0
23.0
32.0
27.5
-
55
110
4.5
-
5
-
25
-
MKP1847520274K2
3
15.0
25.0
32.0
27.5
-
55
165
5.5
-
5
-
25
-
MKP1847530274K2
4
18.0
28.0
32.0
27.5
-
55
220
7
-
5
-
25
-
MKP1847540274K2
5
21.0
31.0
32.0
27.5
-
55
275
8
-
5
-
25
-
MKP1847550274K2
6
21.0
31.0
32.0
27.5
-
55
330
7
-
5
-
25
-
MKP1847560274K2
7
20.0
35.0
32.0
27.5
-
55
385
10
-
5
-
25
-
MKP1847570274K2
5
18.5
35.5
43.0
37.5
10.2
30
150
7
8
8
7
65
55
MKP1847550274P*
6
18.5
35.5
43.0
37.5
10.2
30
180
7
8
8
7
65
55
MKP1847560274P*
7
18.5
35.5
43.0
37.5
10.2
30
210
8
9
8
7
65
55
MKP1847570274P*
8
18.5
35.5
43.0
37.5
10.2
30
240
8
9
8
7
65
55
MKP1847580274P*
9
18.5
35.5
43.0
37.5
10.2
30
270
9
10
8
7
65
55
MKP1847590274P*
10
21.5
38.5
43.0
37.5
10.2
30
300
10
11
8
7
65
55
MKP1847610274P*
12
21.5
38.5
43.0
37.5
10.2
30
360
11
12
8
7
65
55
MKP1847612274P*
15
24.0
44.0
42.0
37.5
10.2
30
450
13
14
8
7
65
55
MKP1847615274P*
20
30.0
45.0
42.0
37.5
10.2 / 20.3
30
600
16
17
8
7
65
55
MKP1847620274P*
15
25.0
45.0
57.5
52.5
10.2
13
195
11
12
15
12
125
105
MKP1847615274Y*
20
25.0
45.0
57.5
52.5
10.2
13
260
12
13
15
12
125
105
MKP1847620274Y*
22
25.0
45.0
57.5
52.5
10.2
13
286
13
14
15
12
125
105
MKP1847622274Y*
25
30.0
45.0
57.5
52.5
20.3
13
325
15
16
15
12
125
105
MKP1847625274Y*
30
30.0
45.0
57.5
52.5
20.3
13
390
16
17
15
12
125
105
MKP1847630274Y*
35
35.0
50.0
57.5
52.5
20.3
13
455
19
20
15
12
125
105
MKP1847635274Y*
40
35.0
50.0
57.5
52.5
20.3
13
520
20
21
15
12
125
105
MKP1847640274Y*
45
45.0
45.0
57.5
52.5
20.3
13
585
-
23
-
12
-
105
MKP1847645274Y5
50
45.0
45.0
57.5
52.5
20.3
13
650
-
24
-
12
-
105
MKP1847650275Y5
ELECTRICAL DATA AND ORDERING CODE
URAC
(V)
CAP. (1)
(μF)
DIMENSION (2)
(mm)
P1
(mm)
P2
(mm)
dV/dt (3)
(V/μs)
IPEAK
(A)
IRMS (4)
(A)
tan
1 kHz
(< 10-4) (5)
tan
10 kHz
(< 10-4) (5)
ORDERING CODE (6)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1847615314P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612234K2 VISHAY-MKP1847612234K2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847612234K4 VISHAY-MKP1847612234K4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847612234K5 VISHAY-MKP1847612234K5 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847612234P2 VISHAY-MKP1847612234P2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847612234P4 VISHAY-MKP1847612234P4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
More results

Similar Description - MKP1847615314P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com