Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM588X Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM588X Datasheet HTML 2Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 3Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 4Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 5Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 6Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 7Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—6
Serial inputs
3-wire type (BCKI, DATA, LRCI)
2-wire type (DATA, LRCI)
Control input (DEEM: 2-wire type)
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
50.0
ns
BCKI LOW-level pulsewidth
tBCWL
50.0
ns
BCKI pulse cycle
tBCY
1/(64fs)
ns
DATA setup time
tDS
50.0
ns
DATA hold time
tDH
50.0
ns
LRCI edge to first BCKI rising edge
tLB
50.0
ns
Last BCKI rising edge to LRCI edge
tBL
50.0
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
DATA setup time
tDS
50
ns
DATA hold time
tDH
50
ns
LRCI edge to internal BCLK rising edge
tLB
256fs/512fs
1.5tXI
2.5tXI
ns
384fs
3.5tXI
4.5tXI
ns
Parameter
Symbol
Rating
Unit
min
typ
max
Rise time
tr
50
ns
Fall time
tf
50
ns
BCKI
DATA
LRCI
BCWH
t
BCWL
t
BCY
t
DS
t
DH
t
BL
t
LB
t
0.35VDD
0.35VDD
0.35VDD
Internal
BCLK
DATA
LRCI
DS
t
DH
t
LB
t
0.35VDD
0.35VDD
0.35VDD
DEEM
0.35VDD
0.5VDD
tf
tr
0.2VDD
0.5VDD
0.2VDD


Similar Part No. - SM588X

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
SM580-2 DATATRONICS-SM580-2 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
SM580-3 DATATRONICS-SM580-3 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
logo
Nippon Precision Circui...
SM5803 NPC-SM5803 Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
logo
Silicon Mitus, Inc.
SM5803A SILICONMITUS-SM5803A Datasheet
251Kb / 3P
   Type-C Multi-cell NVDC Buck-Boost Charger
January 2021 Rev. 0.15
More results

Similar Description - SM588X

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
   3rd-order , 2-channel D/A Converter
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
   3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
   3rd-order , 2-channel D/A converter
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com