Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847590274P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP1847590274P
Description  Metallized Polypropylene Film Capacitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847590274P Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP1847590274P Datasheet HTML 1Page - Vishay Siliconix MKP1847590274P Datasheet HTML 2Page - Vishay Siliconix MKP1847590274P Datasheet HTML 3Page - Vishay Siliconix MKP1847590274P Datasheet HTML 4Page - Vishay Siliconix MKP1847590274P Datasheet HTML 5Page - Vishay Siliconix MKP1847590274P Datasheet HTML 6Page - Vishay Siliconix MKP1847590274P Datasheet HTML 7Page - Vishay Siliconix MKP1847590274P Datasheet HTML 8Page - Vishay Siliconix MKP1847590274P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 31-Jan-17
5
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
310
UNDC = 630 V; UOPAC AT 85 °C = 310 VRMS; UOPAC AT 105 °C = 210 VRMS
1
11.0
21.0
32.0
27.5
-
68
68
3
-
5
-
20
-
MKP1847510314K2
2
15.0
25.0
32.0
27.5
-
68
136
5
-
5
-
20
-
MKP1847520314K2
3
18.0
28.0
32.0
27.5
-
68
204
7
-
5
-
20
-
MKP1847530314K2
4
21.0
31.0
32.0
27.5
-
68
272
8
-
5
-
20
-
MKP1847540314K2
5
21.0
31.0
32.0
27.5
-
68
340
9
-
5
-
20
-
MKP1847550314K2
5
18.5
35.5
43.0
37.5
10.2
35
175
7
8
7
6
55
50
MKP1847550314P*
6
18.5
35.5
43.0
37.5
10.2
35
210
8
9
7
6
55
50
MKP1847560314P*
7
18.5
35.5
43.0
37.5
10.2
35
245
9
10
7
6
55
50
MKP1847570314P*
8
21.5
38.5
43.0
37.5
10.2
35
280
10
11
7
6
55
50
MKP1847580314P*
9
21.5
38.5
43.0
37.5
10.2
35
315
10
11
7
6
55
50
MKP1847590314P*
10
21.5
38.5
43.0
37.5
10.2
35
350
11
12
7
6
55
50
MKP1847610315P*
12
24.0
44.0
42.0
37.5
10.2
35
420
12
13
7
6
55
50
MKP1847612314P*
15
30.0
45.0
42.0
37.5
10.2 / 20.3
35
525
15
16
7
6
55
50
MKP1847615314P*
10
25.0
45.0
57.5
52.5
10.2
15
150
10
11
12
10
105
90
MKP1847610314Y*
12
25.0
45.0
57.5
52.5
10.2
15
180
10
11
12
10
105
90
MKP1847612314Y*
15
25.0
45.0
57.5
52.5
10.2
15
225
12
13
12
10
105
90
MKP1847615314Y*
20
30.0
45.0
57.5
52.5
20.3
15
300
14
15
12
10
105
90
MKP1847620314Y*
22
35.0
50.0
57.5
52.5
20.3
15
330
16
17
12
10
105
90
MKP1847622314Y*
25
35.0
50.0
57.5
52.5
20.3
15
375
17
18
12
10
105
90
MKP1847625314Y*
30
45.0
45.0
57.5
52.5
20.3
15
450
-
21
-
10
-
90
MKP1847630314Y5
35
45.0
45.0
57.5
52.5
20.3
15
525
-
22
-
10
-
90
MKP1847635314Y5
350
UNDC = 700 V; UOPAC AT 85 °C = 350 VRMS; UOPAC AT 105 °C = 240 VRMS
1
11.0
21.0
32.0
27.5
-
100
100
3
-
5
-
20
-
MKP1847510354K2
2
15.0
25.0
32.0
27.5
-
100
200
5
-
5
-
20
-
MKP1847520354K2
3
18.0
28.0
32.0
27.5
-
100
300
7
-
5
-
20
-
MKP1847530354K2
4
21.0
31.0
32.0
27.5
-
100
400
9
-
5
-
20
-
MKP1847540354K2
5
18.5
35.5
43.0
37.5
10.2
50
250
7
8
7
6
50
45
MKP1847550354P*
6
18.5
35.5
43.0
37.5
10.2
50
300
8
9
7
6
50
45
MKP1847560354P*
7
21.5
38.5
43.0
37.5
10.2
50
350
9
10
7
6
50
45
MKP1847570354P*
8
21.5
38.5
43.0
37.5
10.2
50
400
10
11
7
6
50
45
MKP1847580354P*
9
24.0
44.0
42.0
37.5
10.2
50
450
11
12
7
6
50
45
MKP1847590354P*
10
24.0
44.0
42.0
37.5
10.2
50
500
12
13
7
6
50
45
MKP1847610354P*
12
30.0
45.0
42.0
37.5
10.2 / 20.3
50
600
14
15
7
6
50
45
MKP1847612354P*
10
25.0
45.0
57.5
52.5
10.2
25
250
10
11
12
10
100
85
MKP1847610354Y*
12
25.0
45.0
57.5
52.5
10.2
25
300
11
12
12
10
100
85
MKP1847612354Y*
15
25.0
45.0
57.5
52.5
10.2
25
375
12
13
12
10
100
85
MKP1847615354Y*
20
30.0
45.0
57.5
52.5
20.3
25
500
15
16
12
10
100
85
MKP1847620354Y*
22
35.0
50.0
57.5
52.5
20.3
25
550
17
18
12
10
100
85
MKP1847622354Y*
25
35.0
50.0
57.5
52.5
20.3
25
625
18
19
12
10
100
85
MKP1847625354Y*
30
45.0
45.0
57.5
52.5
20.3
25
750
-
22
-
10
-
85
MKP1847630354Y5
ELECTRICAL DATA AND ORDERING CODE
URAC
(V)
CAP. (1)
(μF)
DIMENSION (2)
(mm)
P1
(mm)
P2
(mm)
dV/dt (3)
(V/μs)
IPEAK
(A)
IRMS (4)
(A)
tan
1 kHz
(< 10-4) (5)
tan
10 kHz
(< 10-4) (5)
ORDERING CODE (6)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1847590274P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847512234K2 VISHAY-MKP1847512234K2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234K4 VISHAY-MKP1847512234K4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234K5 VISHAY-MKP1847512234K5 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234P2 VISHAY-MKP1847512234P2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234P4 VISHAY-MKP1847512234P4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
More results

Similar Description - MKP1847590274P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com