Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OARSXPR010FLF Datasheet(PDF) 3 Page - TT Electronics.

Part # OARSXPR010FLF
Description  Surface Mount Sense Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARSXPR010FLF Datasheet(HTML) 3 Page - TT Electronics.

  OARSXPR010FLF Datasheet HTML 1Page - TT Electronics. OARSXPR010FLF Datasheet HTML 2Page - TT Electronics. OARSXPR010FLF Datasheet HTML 3Page - TT Electronics. OARSXPR010FLF Datasheet HTML 4Page - TT Electronics. OARSXPR010FLF Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Thermal Performance Examples
These thermal images were taken under ambient conditions of still air at 25°C with the components
mounted on horizontal standard test boards as defined below.
JEDEC standard circuit board:
2” (50.8mm) square FR4
2 outer power planes, 2 ounce (70μ) Cu
1” (25.4mm) square exposed
2 inner signal planes, 1 ounce (35μ) Cu
(continuous planes)
In contrast to the flat chip format, the OARS format keeps the hot spot thermally distant from the
solder j oints and reduces undesirable heat delivery into the PCB. Further thermal images for other
ohmic values and power dissipations are available on request.
Kelvin (4 Terminal) Mounting
For high precision applications a Kelvin (4
Terminal) mounting method is
recommended. An example to illustrate the
design principle is shown. High current
connections are made to the two pairs of
larger pads, whilst the voltage sense
connections are made to the two smaller
central pads.
OARS1-R005 at 2W
OARSXP-R0025 at 5W
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - OARSXPR010FLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
   Surface Mount Sense Resistors
logo
TT Electronics.
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
More results

Similar Description - OARSXPR010FLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OARS1R050FLF TTELEC-OARS1R050FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
   Surface Mount Sense Resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
   Surface Mount Sense Resistors
logo
TT Electronics.
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS1R025FLF TTELEC-OARS1R025FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
   Surface Mount Sense Resistors
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com