Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L101S222LF Datasheet(PDF) 5 Page - TT Electronics.

Part # L101S222LF
Description  SIL Resistor Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

L101S222LF Datasheet(HTML) 5 Page - TT Electronics.

  L101S222LF Datasheet HTML 1Page - TT Electronics. L101S222LF Datasheet HTML 2Page - TT Electronics. L101S222LF Datasheet HTML 3Page - TT Electronics. L101S222LF Datasheet HTML 4Page - TT Electronics. L101S222LF Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OrderingInformation
ApplicableDocuments
MIL-R-83401—ResistorNetworks,Fixed,Film,GeneralSpecifications
MIL-STD-105—SamplingProceduresandTablesforInspectionbyAttributes
MIL-STD-202—TestMethodsforElectronicandElectricalComponentParts
L 08 5 S 331 / 471 F LF XX
Model Series
Number of Leads:
4 thru 14
Circuit Type:
3 = Isolated
1 = Bussed
5 = Dual Terminator
M1 or M2 = Tube **
(No code used for standard bulk packaging.)
LF: RoHS Compliant
Tolerance Code:
F = ±1%
J = ±5%
(No code used for 2% standard.)
R2 Resistance Code:
(Add for -5 circuit only)
Resistance Code:
First 2 digits are significant.
Last digit denotes number of trailing zeros.
For "F" tolerance first 3 digits are significant.
Fourth digit denotes number of trailing zeros.
* Refer to Packaging for Automation section (Page A-3) for Ammo Pack capacity and dimensions.
** Refer to Packaging for Automation section (Page A-4) for M1 and M2 tube capacity and dimensions.
3T=AmmoPack,3leadsonlyattachedtotape.*
SIL Resistor Network
L Series
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - L101S222LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L101S221LF ETC2-L101S221LF Datasheet
169Kb / 5P
   Thick Film
More results

Similar Description - L101S222LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
L091S102LF TTELEC-L091S102LF Datasheet
208Kb / 5P
   SIL Resistor Network
L061S472LF TTELEC-L061S472LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
List of Unclassifed Man...
L071S103LF ETC2-L071S103LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
TT Electronics.
L081S104LF TTELEC-L081S104LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
Dubilier
9E103G DUBILIER-9E103G Datasheet
124Kb / 2P
   RESISTOR NETWORK SIL
logo
TT Electronics.
L061S102LF TTELEC-L061S102LF Datasheet
208Kb / 5P
   SIL Resistor Network
L103S104LF TTELEC-L103S104LF Datasheet
208Kb / 5P
   SIL Resistor Network
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com