Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL05H630HTE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCCL05H630HTE
Description  265 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL05H630HTE Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCCL05H630HTE Datasheet HTML 1Page - Vishay Siliconix PTCCL05H630HTE Datasheet HTML 2Page - Vishay Siliconix PTCCL05H630HTE Datasheet HTML 3Page - Vishay Siliconix PTCCL05H630HTE Datasheet HTML 4Page - Vishay Siliconix PTCCL05H630HTE Datasheet HTML 5Page - Vishay Siliconix PTCCL05H630HTE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PTCCL - 265 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
2
Document Number: 29087
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The indicated current levels are guaranteed according IEC 60738 mounting conditions. For different mounting conditions the indicated
current levels can change and should be evaluated in the application.
(2) Iol max. is the maximum overload current that may flow through the PTC when it passes from the low ohmic to the high ohmic state.
UL approval: Iol max. x 0.85
(3) Not UL approved
CURRENT DEVIATION AS A FUNCTION OF THE AMBIENT TEMPERATURE
ELECTRICAL DATA AND ORDERING INFORMATION
Int MAX.
at 25 °C
(mA) (1)
It MIN.
at 25 °C
(mA) (1)
R25
± 20 %
(
Ω)
Iol MAX.
at 25 °C
(mA) (2)
Ires MAX. at
Vmax. and
25 °C (mA) (1)
DISSIP.
FACTOR
(mW/K) (1)
Ø D
MAX.
(mm)
ORDERING PART NUMBERS
BULK
TAPE ON REEL
11
17
3000
80
6.5
7.3
5
PTCCL05H110HBE
PTCCL05H110HTE
15
23
1900
110
6.5
7.3
5
PTCCL05H150HBE
PTCCL05H150HTE
19
29
1200
140
6.5
7.3
5
PTCCL05H190HBE
PTCCL05H190HTE
28
42
500
200
6.8
7.3
5
PTCCL05H280HBE
PTCCL05H280HTE
39
59
260
300
6.8
7.3
5
PTCCL05H390HBE
PTCCL05H390HTE
63
95
120
450
7
7.3
5
PTCCL05H630HBE
PTCCL05H630HTE
76
115
85
550
7
7.3
5
PTCCL05H760HBE
PTCCL05H760HTE
95
143
56
600
7
7.3
5
PTCCL05H950HBE
PTCCL05H950HTE
110
165
48
650
7.5
8.3
7
PTCCL07H111HBE
PTCCL07H111HTE
140
210
29
800
8
8.3
7
PTCCL07H141HBE
PTCCL07H141HTE
170
255
22
900
9
9
8.5
PTCCL09H171HBE
PTCCL09H171HTE
190
285
18
1000
9.5
9
8.5
PTCCL09H191HBE
PTCCL09H191HTE
210
315
17
1300
10
10.5
10.5
PTCCL11H211HBE
PTCCL11H211HTE
250
375
12
1500
11
10.5
10.5
PTCCL11H251HBE
PTCCL11H251HTE
280
420
11
1800
12
11.7
12.5
PTCCL13H281HBE
PTCCL13H281HTE
320
480
8.4
2200
13
11.7
12.5
PTCCL13H321HBE
PTCCL13H321HTE
400
600
6.6
3000
15
15.5
16.5
PTCCL17H401HBE
-
490
735
4.4
3500
16
15.5
16.5
PTCCL17H491HBE
-
590
855
4
4500
19.5
19.8
20.5
PTCCL21H591HBE
-
700
1050
2.8
5500
21
19.8
20.5
PTCCL21H701HBE
-
800
1200
2.1
5500
22.5
19.8
20.5
PTCCL21H801HBE (3)
-
250
200
50
150
100
0
%
-50
-25
0
25
50
75
100
T
amb (°C)
I
nt
I
ol max.
I
t


Similar Part No. - PTCCL05H630HTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H630HTE VISHAY-PTCCL05H630HTE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HTE VISHAY-PTCCL05H630HTE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL05H630HTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com