Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848540704K2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP1848540704K2
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848540704K2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP1848540704K2 Datasheet HTML 4Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 9Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 10Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 11Page - Vishay Siliconix MKP1848540704K2 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
8
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING INFORMATION
UNDC
AT 85 °C
(V)
HEIGHT
(mm)
CAP. (5)
(μF)
Ø dt
ORDERING CODE (1)
MASS
(g)
SPQ (2)
(pcs)
450
UOPDC AT 70 °C = 500 V, UOPDC AT 105 °C = 300 V
19
1
0.8
MKP1848510454K2
6
160
19
2
0.8
MKP1848520454K2
5.5
160
21
3
0.8
MKP1848530454K2
8.5
130
21
4
0.8
MKP1848540454K2
8.5
130
23
5
0.8
MKP1848550454K2
10.5
115
25
6
0.8
MKP1848560454K2
12.5
100
25
7
0.8
MKP1848570454K2
11.5
100
28
8
0.8
MKP1848580454K2
15
80
28
9
0.8
MKP1848590454K2
16
80
28
10
0.8
MKP1848610454K2
15
80
31
12
0.8
MKP1848612454K2
21.5
65
35
15
0.8
MKP1848615454K2
20
70
35.5
10
1.0
MKP1848610454P*
34
105
35.5
12
1.0
MKP1848612454P*
32
105
35.5
15
1.0
MKP1848615454P*
30
105
38.5
20
1.0
MKP1848620454P*
36
91
38.5
22
1.0
MKP1848622454P*
38
91
38.5
25
1.0
MKP1848625454P*
36
91
44
30
1.0
MKP1848630454P*
48
77
45
35
1.0
MKP1848635454P*
57
63
45
40
1.0
MKP1848640454P*
60
63
45
40
1.2
MKP1848640454Y*
66
55
45
45
1.2
MKP1848645454Y*
70
55
45
50
1.2
MKP1848650454Y*
88
45
45
55
1.2
MKP1848655454Y*
96
45
45
60
1.2
MKP1848660454Y*
91
45
50
65
1.2
MKP1848665454Y*
100
40
50
70
1.2
MKP1848670454Y*
112
40
50
75
1.2
MKP1848675454Y*
108
40
50
80
1.2
MKP1848680454Y*
102
40
45
90
1.2
MKP1848690454Y5
127
30
45
95
1.2
MKP1848695454Y5
124
30
45
100
1.2
MKP1848710454Y5
120
30
65
200
1.2
MKP1848720454Y5 (3)
266
20
65
400
1.2
MKP1848740454Y5 (4)
490
10
700
UOPDC AT 70 °C = 800 V, UOPDC AT 105 °C = 500 V
19
1
0.8
MKP1848510704K2
6
160
19
2
0.8
MKP1848520704K2
5.5
160
21
3
0.8
MKP1848530704K2
8.5
130
23
4
0.8
MKP1848540704K2
10.5
115
25
5
0.8
MKP1848550704K2
12
100
28
6
0.8
MKP1848560704K2
17
80
28
7
0.8
MKP1848570704K2
16
80


Similar Part No. - MKP1848540704K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848540704K2 VISHAY-MKP1848540704K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848540704K2

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com