Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSF-1-100-2700-K Datasheet(PDF) 1 Page - TT Electronics.

Part # HSF-1-100-2700-K
Description  High Surge Film Surface Mount Metal GlazeTM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HSF-1-100-2700-K Datasheet(HTML) 1 Page - TT Electronics.

  HSF-1-100-2700-K Datasheet HTML 1Page - TT Electronics. HSF-1-100-2700-K Datasheet HTML 2Page - TT Electronics. HSF-1-100-2700-K Datasheet HTML 3Page - TT Electronics. HSF-1-100-2700-K Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Surge Film
Surface Mount Metal GlazeTM
HSF Series
150°C maximum operating temperature
RoHS - compatible components available
Up to triple the surge rating of the rugged CHP1
Replaces costly surface-mount wirewound resistors
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Metal GlazeTM
thick film element
fired at 1000°C
to solid ceramic
Solder over
nickel barrier
High
temperature
dielectric
coating
Electrical Data
1 Watt and 1/2 Watt power rating
150°C maximum operating temperature
RoHS - Compatible Components Available
Up to triple the surge rating of the rugged CHP1
Replaces costly surface-mount wirewound resistors
Industry
Footprint
Type
Maximum
Power Rating
Working
Voltage
Resistance
Range (Ω)
Tolerance
(±%)
TCR
(ppm/°C)
Product
Category
2512
HSF-1
1W @ 70°C
350
3612
HSF-2
2W @ 25°C
500
8R2, 22R, 300R
5R9, 6R8, 11R, 27R,
12R, 68R, 270R
Note 1 – Standard TCR is ±200ppm/°C. TCR of ±100ppm/°C is available at selected values on request.
High Surge
±200
10
High Surge
±200
10
Environmental Data
d
o
h
t
e
M
t
s
e
T
e
g
n
a
h
C
m
u
m
i
x
a
M
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Temperature Coefficient
As specified
MIL-R-55342H Par 4.7.9 (-55°C +125°C)
Thermal Shock
±0.5% +0.01 ohm
MIL-R-55342H Par 4.7.3 (-65°C +150°C, 5 cycles)
Low Temperature Operation
±0.25% +0.01 ohm
MIL-R-55342H Par 4.7.4 (-65°C @ working voltage)
Short Time Overload
±0.5% +0.01 ohm
MIL-R-55342H Par 4.7.5
2.5 x P x R for 5 seconds
High Temperature Exposure
±0.5% +0.01 ohm
MIL-R-55342H Par 4.7.6 (+150°C for 100 hours)
Resistance to Bonding
Exposure
±0.25% +0.01 ohm
MIL-R-55342H Par 4.7.7 (reflow soldered to board at 260°C for 10 seconds)
Solderability
95% min. coverage
MIL-STD-202, Method 208 (245°C for 5 seconds)
Moisture Resistance
±0.5% +0.01 ohm
MIL-R-55342H Par 4.7.8 (10 cycles, total 240 hours)
Life Test
±0.5% +0.01 ohm
MIL-R-55342H Par 4.7.10 (2000 hours at 70°C intermittent)
Terminal Adhesion Strength
±1% +0.01 ohm
no mechanical damage
1200 gram push from underside of mounted chip for 60 seconds
Resistance to Board bending
±1% +0.01 ohm
no mechanical damage
Chip mounted in center of 90mm long board, deflected 5mm so
as to exert pull on chip contacts for 10 seconds
HSF
High Surge Film
Surface Mount Metal GlazeTM
HSF-1 Series Issue October 2010 Sheet 1 of 4
1
1
Resistors
Metal GlazeTM
lm element
red at 1000˚C
to solid ceramic
Solder over
nickel barrier
High
temperature
dielectric
coating
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - HSF-1-100-2700-K

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HSF-1-100-11R0-K-LF-13 IRCTT-HSF-1-100-11R0-K-LF-13 Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
HSF-1-100-11R0-K-LF-7 IRCTT-HSF-1-100-11R0-K-LF-7 Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
HSF-1-100-11R0-K-LF-BLK IRCTT-HSF-1-100-11R0-K-LF-BLK Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
More results

Similar Description - HSF-1-100-2700-K

ManufacturerPart #DatasheetDescription
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
   SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
   Metal Film Resistors, High Precision, High Stability, Surface Mount
Revision: 13-Jul-12
logo
Riedon Powertron
SF-2 RIEDON-SF-2_13 Datasheet
167Kb / 1P
   Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
   Metal Film Resistors, Power, Surface Mount
Revision: 06-Nov-14
WSF VISHAY-WSF_V01 Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
01-Jan-2022
logo
Riedon Powertron
SF-2 RIEDON-SF-2 Datasheet
271Kb / 1P
   Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
logo
IRC - a TT electronics ...
HSF-1-50-11R0-K-LF-BLK IRCTT-HSF-1-50-11R0-K-LF-BLK Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
logo
KOA Speer Electronics, ...
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
logo
Vishay Siliconix
MSP VISHAY-MSP_15 Datasheet
90Kb / 5P
   Precision Surface Mount Resistors Wirewound or Metal Film Technologies
Revision: 24-Feb-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com