Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848520704K2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1848520704K2
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848520704K2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1848520704K2 Datasheet HTML 2Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 3Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 4Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 5Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 6Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 7Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 8Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 9Page - Vishay Siliconix MKP1848520704K2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
6
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
900
UOPDC AT 70 °C = 1100 V, UOPDC AT 105 °C = 650 V
1
9
19
32
27.5
-
40
40
2
-
63
-
50
-
MKP1848510094K2
2
13
23
32
27.5
-
80
160
3.5
-
32
-
50
-
MKP1848520094K2
3
15
25
32
27.5
-
80
240
5
-
21
-
50
-
MKP1848530094K2
4
18
28
32
27.5
-
80
320
6
-
16
-
50
-
MKP1848540094K2
5
21
31
32
27.5
-
80
400
7.5
-
13
-
50
-
MKP1848550094K2
6
21
31
32
27.5
-
80
480
8.5
-
10
-
50
-
MKP1848560094K2
7
20
35
32
27.5
-
80
560
9
-
9
-
50
-
MKP1848570094K2
5
18.5
35.5
43
37.5
10.2
20
100
6
6.5
21
19
100
90
MKP1848550094P*
6
18.5
35.5
43
37.5
10.2
40
240
6.5
7
18
16
100
90
MKP1848560094P*
7
18.5
35.5
43
37.5
10.2
40
280
6.5
7
18
16
100
90
MKP1848570094P*
8
18.5
35.5
43
37.5
10.2
40
320
7
7.5
16
14
100
90
MKP1848580094P*
9
18.5
35.5
43
37.5
10.2
40
360
7.5
8
14
12
100
90
MKP1848590094P*
10
21.5
38.5
43
37.5
10.2
40
400
8.5
9
12
11
100
90
MKP1848610094P*
12
21.5
38.5
43
37.5
10.2
40
480
9.5
10
10
9
100
90
MKP1848612094P*
15
24
44
42
37.5
10.2
40
600
11
12
8
7
100
90
MKP1848615094P*
16
24
44
42
37.5
10.2
40
640
11
12
8
7
100
90
MKP1848616094P*
20
30
45
42
37.5
10.2 / 20.3
40
800
14
15.5
6
5
100
90
MKP1848620094P*
15
25
45
57.5
52.5
10.2
20
300
9
9.5
14
12
200
185
MKP1848615094Y*
20
25
45
57.5
52.5
10.2
20
400
9.5
10
12
11
200
185
MKP1848620094Y*
22
25
45
57.5
52.5
10.2
20
440
10
10.5
11
10
200
185
MKP1848622094Y*
25
30
45
57.5
52.5
20.3
20
500
11
11.5
10
9
200
185
MKP1848625094Y*
30
30
45
57.5
52.5
20.3
20
600
12.5
13
8
7
200
185
MKP1848630094Y*
35
35
50
57.5
52.5
20.3
20
700
14.5
15.5
7
6
200
185
MKP1848635094Y*
40
35
50
57.5
52.5
20.3
20
800
15.5
17
6
5
200
185
MKP1848640094Y*
45
45
45
57.5
52.5
20.3
20
900
-
16.5
-
5
-
185
MKP1848645094Y5
50
45
45
57.5
52.5
20.3
20
1000
-
18.5
-
4
-
185
MKP1848650094Y5
100
70
65
57.5
52.5
20.3
20
2000
-
26.5
-
3.3
-
205
MKP1848710094Y5 (6)
200
130
65
57.5
52.5
20.3
20
4000
-
48.5
-
1.6
-
205
MKP1848720094Y5 (7)
1100
UOPDC AT 70 °C = 1350 V, UOPDC AT 105 °C = 800 V
1
11
21
32
27.5
-
95
95
3
-
45.5
-
45
-
MKP1848510914K2
2
15
25
32
27.5
-
95
190
4.5
-
23
-
45
-
MKP1848520914K2
3
18
28
32
27.5
-
95
285
6
-
15.5
-
45
-
MKP1848530914K2
4
21
31
32
27.5
-
95
380
8
-
11.5
-
45
-
MKP1848540914K2
5
20
35
32
27.5
-
95
475
9
-
9.5
-
45
-
MKP1848550914K2
5
18.5
35.5
43
37.5
10.2
45
225
6.5
7
18
16
90
80
MKP1848550914P*
6
18.5
35.5
43
37.5
10.2
45
270
7
7.5
15
13.5
90
80
MKP1848560914P*
7
21.5
38.5
43
37.5
10.2
45
315
8
8.5
13
11.5
90
80
MKP1848570914P*
8
21.5
38.5
43
37.5
10.2
45
360
9
9.5
11
10
90
80
MKP1848580914P*
9
24
44
42
37.5
10.2
45
405
10
10.5
10
9
90
80
MKP1848590914P*
10
24
44
42
37.5
10.2
45
450
10.5
11
9
8
90
80
MKP1848610914P*
12
30
45
42
37.5
10.2 / 20.3
45
540
12.5
13.5
7.5
6.5
90
80
MKP1848612914P*
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848520704K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848520704K2 VISHAY-MKP1848520704K2 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848520704K2

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com