Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RS16NPNF-G-JNERE1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB85RS16NPNF-G-JNERE1
Description  16 K (2 K 횞 8) Bit SPI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS16NPNF-G-JNERE1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB85RS16NPNF-G-JNERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MB85RS16N
8
DS501-00030-3v0-E
• RDSR
The RDSR command reads status register data. After op-code of RDSR is input to SI, 8-cycle clock is input
to SCK. The SI value is invalid during this time. SO is output synchronously to a falling edge of SCK. In the
RDSR command, repeated reading of status register is enabled by sending SCK continuously before rising
of CS.
• WRSR
The WRSR command writes data to the nonvolatile memory bit of status register. After performing WRSR
op-code to a SI pin, 8 bits writing data is input. WEL (Write Enable Latch) is not able to be written with WRSR
command. A SI value correspondent to bit 1 is ignored. Bit 0 of the status register is fixed to “0” and cannot
be written. The SI value corresponding to bit 0 is ignored. The WP signal level shall be fixed before performing
the WRSR command, and do not change the WP signal level until the end of command sequence.
SO
SCK
SI
CS
00000101
High-Z
7
6
5
4
3
2
1
0
Invalid
MSB
7
6
5
4
3
2
1
0
Data Out
LSB
Invalid
SO
SCK
SI
CS
00000001
7
6
5
4
3
2
1
0
Data In
MSB
7
6
5
4
3
2
1
0
High-Z
LSB
76543210
Instruction


Similar Part No. - MB85RS16NPNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G-JNERE1 FUJITSU-MB85RS16NPNF-G-JNERE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
More results

Similar Description - MB85RS16NPNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com