Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RS2MTPF-G-JNERE2 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB85RS2MTPF-G-JNERE2
Description  2 M (256 K 횞 8) Bit SPI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS2MTPF-G-JNERE2 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB85RS2MTPF-G-JNERE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 12Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 13Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 14Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNERE2 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MB85RS2MT
DS501-00023-0v01-E
11
• SLEEP
The SLEEP command shifts the LSI to a low power mode called “SLEEP mode”. The transition to the SLEEP
mode is carried out at the rising edge of CS after operation code in the SLEEP command. However, when
at least one SCK clock is inputted before the rising edge of CS after operation code in the SLEEP command,
this SLEEP command is canceled.
After the SLEEP mode transition, SCK and SI inputs are ignored and SO changes to a Hi-Z state.
Returning to an normal operation from the SLEEP mode is carried out after tREC (Max 400
μs) time from the
falling edge of CS (see the figure below). It is possible to return CS to H level before tREC time. However, it
is prohibited to bring down CS to L level again during tREC period.
Enter Sleep Mode
CS
SCK
SI Invalid
Invalid
Hi-Z
Sleep Mode Entry
67
012345
SO
1
1011100
CS
CS
tREC
Exit Sleep Mode
Sleep Mode Exit
From this time
Command input enable


Similar Part No. - MB85RS2MTPF-G-JNERE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
More results

Similar Description - MB85RS2MTPF-G-JNERE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
logo
Cypress Semiconductor
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com