Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWR82N Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RWR82N
Description  Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWR82N Datasheet(HTML) 1 Page - Vishay Siliconix

  RWR82N Datasheet HTML 1Page - Vishay Siliconix RWR82N Datasheet HTML 2Page - Vishay Siliconix RWR82N Datasheet HTML 3Page - Vishay Siliconix RWR82N Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RWR Military
www.vishay.com
Vishay Dale
Revision: 14-Jul-16
1
Document Number: 30203
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Military/Established Reliability,
MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
FEATURES
• High temperature silicone coated
• Complete welded construction
• Qualified to MIL-PRF-39007
• Available
in
non-inductive
styles
(type
N)
with
Ayrton-Perry winding for lowest reactive components
• “S” level failure rate available
Note
• “Terminal Wire and Winding” type “W” and “Z” are not listed
below but are available upon request. Please reference
MIL-PRF-39007 QPL for approved “failure rate” and “resistance
tolerance/ranges”
Note
• RWR82S and RWR82N: Core consists of beryllium oxide ceramic
Notes
(1) Note that “W” and “Z” are not listed above but are available, see MIL-PRF-39007 QPL for available resistance values.
(2) Maximum order sizes apply for single lot date code package codes, please see table below.
STANDARD ELECTRICAL SPECIFICATIONS
MILITARY MODEL
VISHAY REFERENCE
MODEL
POWER RATING
P25 °C W
RESISTANCE RANGE
 RESISTANCE RANGE 
WEIGHT
(typical) g
± 0.1 %
± 0.5 %, ± 1 %
RWR81S
EGS-1-80
1
0.499 to 1K
0.1 to 1K
0.21
RWR81N
EGN-1-80
1
0.499 to 499
0.1 to 499
0.21
RWR82S
EGS-2
1.5
0.499 to 1.3K
0.1 to 1.3K
0.23
RWR82N
EGN-2
1.5
0.499 to 649
0.1 to 649
0.23
RWR80S
EGS-3-80
2
0.499 to 3.16K
0.1 to 3.16K
0.34
RWR80N
EGN-3-80
2
0.499 to 1.58K
0.1 to 1.58K
0.34
RWR71S
ESS-2A
2
0.499 to 12.1K
0.1 to 12.1K
0.90
RWR71N
ESN-2A
2
0.499 to 6.04K
0.1 to 6.04K
0.90
RWR89S
ESS-2B
3
0.499 to 4.12K
0.1 to 4.12K
0.70
RWR89N
ESN-2B
3
0.499 to 2.05K
0.1 to 2.05K
0.70
RWR74S
ESS-5
5
0.499 to 12.1K
0.1 to 12.1K
4.2
RWR74N
ESN-5
5
0.499 to 6.04K
0.1 to 6.04K
4.2
RWR84S
EGS-10-80
7
0.499 to 12.4K
0.1 to 12.4K
3.6
RWR84N
EGN-10-80
7
0.499 to 6.19K
0.1 to 6.19K
3.6
RWR78S
ESS-10
10
0.499 to 39.2K
0.1 to 39.2K
9.0
RWR78N
ESN-10
10
0.499 to 19.6K
0.1 to 19.6K
9.0
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: RWR74S49R9FSB12
MIL TYPE
(5 digits)
TERMINAL WIRE AND WINDING
(1 digit)
RESISTANCE VALUE
(4 digits)
TOLERANCE CODE
(1 digit)
FAILURE RATE
(1 digit)
PACKAGING CODE
(3 digits)
RWR71
RWR74
RWR78
RWR80
RWR81
RWR82
RWR84
RWR89
S = Solderable, inductive
N = Solderable, non-inductive
W = Weldable, inductive (1)
Z = Weldable, non-inductive (1)
3 digit significant figure,
followed by a multiplier
49R9 = 49.9
1000 = 100
1001 = 1000
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
M = 1.0 %/1000 h
P = 0.1 %/1000 h
R = 0.01 %/1000 h
S = 0.001 %/1000 h
B12 = Bulk pack
S70 = Tape/reel
(smaller than 5 W)
S73 = Tape/reel
(500 pieces)
BSL (2) = Bulk pack,
single lot date code
RSL (2) = Tape/reel,
single lot date code
74
S
4
R
9
F
9
WR
SB
1
R
2


Similar Part No. - RWR82N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWR82N VISHAY-RWR82N Datasheet
160Kb / 2P
   Wirewound Resistors, Military/Established Reliability
Revision 23-Sep-02
RWR82N VISHAY-RWR82N Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR82N1000B VISHAY-RWR82N1000B Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
RWR82N1000D VISHAY-RWR82N1000D Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
RWR82N1000F VISHAY-RWR82N1000F Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
More results

Similar Description - RWR82N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWR VISHAY-RWR_V01 Datasheet
184Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
01-Jan-2022
RWR81NR100FR VISHAY-RWR81NR100FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR81S10R0FS VISHAY-RWR81S10R0FS Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR71S1002FR VISHAY-RWR71S1002FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR89SR100FRB12 VISHAY-RWR89SR100FRB12 Datasheet
165Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 11-Jul-13
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com