Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL11H701DBE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PTCCL11H701DBE
Description  30 V to 60 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL11H701DBE Datasheet(HTML) 5 Page - Vishay Siliconix

  PTCCL11H701DBE Datasheet HTML 1Page - Vishay Siliconix PTCCL11H701DBE Datasheet HTML 2Page - Vishay Siliconix PTCCL11H701DBE Datasheet HTML 3Page - Vishay Siliconix PTCCL11H701DBE Datasheet HTML 4Page - Vishay Siliconix PTCCL11H701DBE Datasheet HTML 5Page - Vishay Siliconix PTCCL11H701DBE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PTCCL - 30 V / 60 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
5
Document Number: 29085
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
105
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
104
PTCCL05H940EBE
0250
103
10
102
1
PTCCL05H131EBE
PTCCL05H181DBE
PTCCL05H271DBE
103
105
25 50 75 100 125 150 175 200 225
Temperature [°C]
104
0
250
1
10
102
PTCCL07H321DBE
PTCCL07H411DBE
PTCCL09H471DBE
PTCCL08H541DBE
25 50 75 100 125 150 175 200 225
Temperature [°C]
0
250
104
103
10-1
1
10
102
PTCCL11H611DBE
PTCCL11H701DBE
PTCCL13H931DBE
PTCCL13H921DBE
25 50 75 100 125 150 175 200 225
Temperature [°C]
0
250
104
103
10-1
1
10
102
PTCCL17H112DBE
PTCCL17H132DBE
PTCCL21H172DBE
PTCCL21H202DBE


Similar Part No. - PTCCL11H701DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL11H701DBE VISHAY-PTCCL11H701DBE Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL11H701DBE VISHAY-PTCCL11H701DBE Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL11H701DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL-30V VISHAY-PTCCL-30V_V01 Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
2381660X491 VISHAY-2381660X491 Datasheet
515Kb / 6P
   30 to 60 V PTC Thermistors For Overload Protection
Revision: 12-Dec-05
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com