Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848S62050JPF Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1848S62050JPF
Description  Metallized Polypropylene Film Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848S62050JPF Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1848S62050JPF Datasheet HTML 7Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 8Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 9Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 10Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 11Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 12Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 13Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 14Page - Vishay Siliconix MKP1848S62050JPF Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MKP1848S DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Mar-13
11
Document Number: 26010
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
ROUTINE TEST - FINAL INSPECTION
5.14.2-1
External inspection, visual examination
Legible marking as specified
5.14.2-2
Dimensions
See specification drawing
5.3-1
Capacitance
1 kHz at room temperature
See specific reference data
5.3-2
tan
1 kHz at room temperature
10 kHz at room temperature
See specific reference data
5.5.1-2
Voltage test between terminals
1.5 x UNDC at Tamb
Duration: 10 s
No visible damage or puncture
No flashover
5.7
Insulation resistance
UNDC  500 V measuring voltage 100 V at
room temperature
UNDC > 500 V measuring voltage 500 V at
room temperature
Duration: 1 min
See specific reference data
TYPE TESTS
5.14.2
External inspection
Check for finish, marking and overall
dimensions
Legible marking and finish as specified
Dimensions: See specification drawing
5.14.0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.14.1-1/4
Robustness of terminations
IEC 60068-2-21
Tensile Ua1
Wire diameter
Section modulus
Load
 0.8 mm
 0.5 mm2
10 N
 1.25 mm
 1.2 mm2
20 N
Duration: 10 s ± 1 s
Bending, Ub method 1
Wire diameter
Section modulus
Load
 0.8 mm
 0.5 mm2
10 N
 1.25 mm
 1.2 mm2
20 N
4 x 90°, duration: 2 s to 3 s/bend
5.14.1-6
Resistance to soldering heat
IEC 60068-2-20
No pre-drying, method 1A
Solder bath: 260 °C ± 5 °C
Duration: 10 s ± 1 s
5.14.4
Final measurements
Capacitance
tan
|
C/C|  0.5 %
Increase of tan
  0.0050
compared to the values measured in 5.14.0
5.14.0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.14.3-1
Vibration
IEC 60068-2-6
10 Hz to 55 Hz; amplitude ± 0.35 mm or
acceleration 98 m/s2
Test duration: 10 frequency cycles
3 axes offset from each other by 90°
1 octave/min
Visual examination
No visible damage


Similar Part No. - MKP1848S62050JPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848S62050JPF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com