Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848DC Datasheet(PDF) 17 Page - Vishay Siliconix

Part # MKP1848DC
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848DC Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button MKP1848DC Datasheet HTML 12Page - Vishay Siliconix MKP1848DC Datasheet HTML 13Page - Vishay Siliconix MKP1848DC Datasheet HTML 14Page - Vishay Siliconix MKP1848DC Datasheet HTML 15Page - Vishay Siliconix MKP1848DC Datasheet HTML 16Page - Vishay Siliconix MKP1848DC Datasheet HTML 17Page - Vishay Siliconix MKP1848DC Datasheet HTML 18Page - Vishay Siliconix MKP1848DC Datasheet HTML 19Page - Vishay Siliconix MKP1848DC Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
17
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPE TESTS
5.14.3.1
Vibration
IEC 60068-2-6
10 Hz to 55 Hz: amplitude ± 0.35 mm or
acceleration 98 m/s2
Test duration: 10 frequency cycles, 3 axes
offset from each other by 90°
1 octave/min
Visual examination
No visible damages
5.14.3.2
Shock or impact
IEC 60068-2-6
Pulse shape: half sine
Acceleration: 490 m/s2
Duration t of pulse: 11 ms
Visual examination
No visible damage
5.14.4
Final measurements
Capacitance
tan
|
C/C|  0.5 %
Increase of tan
 0.0050 
Compared to values measured in 5.14.0
5.5.3.1
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
R insulation
5.5.3.2
Voltage test between terminal
1.5 x UNDC at Tamb
Duration 60 s
5.5.3.3
Final measurements
Capacitance
tan
 
R insulation
|
C/C|  0.5 %
Increase of tan
 1.2 initial tan  + 0.0001
R insulation
 50 % of specified values
5.9.1
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.9.2
Surge discharge test
1.1 x UNDC
Number of discharges: 5
Time lapse: every 2 min (10 min total)
5.9.3
Voltage test between terminal
Within 5 min after the surge discharge test
Duration 60 s
1.5 x UNDC at Tamb
5.9.3
Final measurements
Capacitance
tan
 at 10 kHz
|
C/C|  1.0 %
tan
 1.2 initial tan  + 0.0001 
Compared to values measured in 5.9.1
5.11.1
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.11.2
Self healing test
1.5 x UNDC
Duration 10 s
Number of clearings
 5
Clearing = voltage drop of 5 %
increase the voltage at 100 V/s till 5 clearings
occur
with a max. of 2.5 x UNDC
for a duration of 10 s
5.11.3
Final measurements
Capacitance
tan
|
C/C|  0.5 %
tan
 1.2 x initial tan  + 0.0001 
Compared to values measured in 5.11.1
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKP1848DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848DC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com