Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC256VPNF-G-JNE1 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB85RC256VPNF-G-JNE1
Description  256 K (32 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC256VPNF-G-JNE1 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB85RC256VPNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNE1 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MB85RC256V
DS501-00017-3v0-E
7
■ DATA STRUCTURE
In the I2C bus, the acknowledge “L” level is output on the 9th bit by a slave, after the 8 bits of the device
address word following the start condition are input by a master. After confirming the acknowledge response
by the master, the master outputs 8 bits
× 2 memory address to the slave. When the each memory address
input ends, the slave again outputs the acknowledge “L” level. After this operation, the I/O data follows in
units of 8 bits, with the acknowledge “L” level output after every 8 bits.
It is determined by the R/W code whether the data line is driven by the master or the slave. However, the
clock line shall be driven by the master. For a write operation, the slave will accept 8 bits from the master,
then send an acknowledge. If the master detects the acknowledge, the master will transfer the next 8 bits.
For a read operation, the slave will place 8 bits on the data line, then wait for an acknowledge from the master.
■ FRAM ACKNOWLEDGE -- POLLING NOT REQUIRED
The MB85RC256V performs the high speed write operations, so any waiting time for an ACK polling* does
not occur.
*: In E2PROM, the Acknowledge Polling is performed as a progress check whether rewriting is executed or not.
It is normal to judge by the 9th bit of Acknowledge whether rewriting is performed or not after inputting the
start condition and then the device address word (8 bits) during rewriting.
■ WRITE PROTECT (WP)
The entire memory array can be write protected using the Write Protect pin. When the Write Protect pin is
set to the “H” level, the entire memory array will be write protected. When the Write Protect pin is the
“L” level, the entire memory array will be rewritten. Reading is allowed regardless of the WP pin's “H” level
or “L” level.
Note : The Write Protect pin is pulled down internally to the VSS pin, therefore if the Write Protect pin is open,
the pin status is detected as the “L” level (write enabled).


Similar Part No. - MB85RC256VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC256VPF-G FUJITSU-MB85RC256VPF-G Datasheet
317Kb / 28P
   FUJITSU SEMICONDUCTOR
More results

Similar Description - MB85RC256VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com