Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC256VPNF-G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB85RC256VPNF-G
Description  256 K (32 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC256VPNF-G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB85RC256VPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 11Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 12Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 13Page - Fujitsu Component Limited. MB85RC256VPNF-G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MB85RC256V
10
DS501-00017-3v0-E
• Sequential Read
Data can be received continuously following the Device address word (R/W “1” input) after specifying the
address in the same way as for Random Read. If the read reaches the end of address, the internal read
address automatically rolls over to first memory address 0000H and keeps reading.
•Device ID
The Device ID command reads fixed Device ID. The size of Device ID is 3 bytes and consists of manufacturer
ID and product ID. The Device ID is read-only and can be read out by following sequences.
a) The master sends the Reserved Slave ID F8H after the START condition.
b) The master sends the device address word after the ACK response from the slave.
In this device address word, R/W code are “Don't care” value.
c) The master re-sends the START condition followed by the Reserved Slave ID F9H after the ACK response
from the slave.
d) The master read out the Device ID succeedingly in order of Data Byte 1st / 2nd / 3rd after the ACK
response from the slave.
e) The master respnds the NACK (SDA is the “H” level) after reading 3 bytes of the Device ID.
In case the master respond the ACK after reading 3 bytes of the Device ID, the master re-reading the
Device ID from the 1st byte.
Stop Condition
ACK (SDA is the "L" level)
A
P
NACK (SDA is the "H" level)
N
AA
A
N P
Read
Data 8bits
Read
Data 8bits
Read
Data
...
...
Access from master
Access from slave
11 10
9
8
76543210
11 10
9
8
76543210
000000001010010100010000
Fujitsu Semiconductor
Density = 5H
Proprietary use
Manufacture ID = 00AH
Product ID = 510H
Data Byte 1st
Data Byte 2nd
Data Byte 3rd
Reserved
Slave ID
(F8H)
Reserved
Slave ID
(F9H)
A 1010 A2 A1A0
R
/
W
AS
S
A Data Byte
1st
Data Byte
2nd
Data Byte
3rd
AA
N P
S
P
A
N
Access from master
Access from slave
Stop Condition
ACK (SDA is the "L" level)
NACK (SDA is the "H" level)
Start Condition


Similar Part No. - MB85RC256VPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC256VPF-G FUJITSU-MB85RC256VPF-G Datasheet
317Kb / 28P
   FUJITSU SEMICONDUCTOR
More results

Similar Description - MB85RC256VPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com