Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC256VPF-G Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB85RC256VPF-G
Description  FUJITSU SEMICONDUCTOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC256VPF-G Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB85RC256VPF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC256VPF-G Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MB85RC256V
DS501-00017-3v0-E
7
■ DATA STRUCTURE
In the I2C bus, the acknowledge “L” level is output on the 9th bit by a slave, after the 8 bits of the device
address word following the start condition are input by a master. After confirming the acknowledge response
by the master, the master outputs 8 bits
× 2 memory address to the slave. When the each memory address
input ends, the slave again outputs the acknowledge “L” level. After this operation, the I/O data follows in
units of 8 bits, with the acknowledge “L” level output after every 8 bits.
It is determined by the R/W code whether the data line is driven by the master or the slave. However, the
clock line shall be driven by the master. For a write operation, the slave will accept 8 bits from the master,
then send an acknowledge. If the master detects the acknowledge, the master will transfer the next 8 bits.
For a read operation, the slave will place 8 bits on the data line, then wait for an acknowledge from the master.
■ FRAM ACKNOWLEDGE -- POLLING NOT REQUIRED
The MB85RC256V performs the high speed write operations, so any waiting time for an ACK polling* does
not occur.
*: In E2PROM, the Acknowledge Polling is performed as a progress check whether rewriting is executed or not.
It is normal to judge by the 9th bit of Acknowledge whether rewriting is performed or not after inputting the
start condition and then the device address word (8 bits) during rewriting.
■ WRITE PROTECT (WP)
The entire memory array can be write protected using the Write Protect pin. When the Write Protect pin is
set to the “H” level, the entire memory array will be write protected. When the Write Protect pin is the
“L” level, the entire memory array will be rewritten. Reading is allowed regardless of the WP pin's “H” level
or “L” level.
Note : The Write Protect pin is pulled down internally to the VSS pin, therefore if the Write Protect pin is open,
the pin status is detected as the “L” level (write enabled).


Similar Part No. - MB85RC256VPF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC256VPF-G-JNE2 FUJITSU-MB85RC256VPF-G-JNE2 Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC256VPF-G-JNERE2 FUJITSU-MB85RC256VPF-G-JNERE2 Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
More results

Similar Description - MB85RC256VPF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
CS402 FUJITSU-CS402 Datasheet
83Kb / 8P
   FUJITSU SEMICONDUCTOR DATA SHEET
MB85R4002A FUJITSU-MB85R4002A Datasheet
307Kb / 28P
   FUJITSU SEMICONDUCTOR DATA SHEET
2SC2028 FUJITSU-2SC2028 Datasheet
66Kb / 1P
   FUJITSU TRANSISTOR
logo
Bel Fuse Inc.
S560-6611-20 BEL-S560-6611-20 Datasheet
56Kb / 2P
   ADSL Magnetics Fujitsu
logo
Fujitsu Component Limit...
Q555 FUJITSU-Q555 Datasheet
292Kb / 8P
   FUJITSU Tablet STYLISTIC Q555
2800E2 FUJITSU-2800E2 Datasheet
97Kb / 4P
   FUJITSU PCI BOX
Q775 FUJITSU-Q775 Datasheet
196Kb / 7P
   Fujitsu STYLISTIC Q775
T725 FUJITSU-T725 Datasheet
192Kb / 7P
   Fujitsu LIFEBOOK T725
logo
Bel Fuse Inc.
S560-6611-19 BEL-S560-6611-19 Datasheet
56Kb / 2P
   ADSL Magnetics Fujitsu
S560-6600-T6 BEL-S560-6600-T6 Datasheet
67Kb / 2P
   ADSL Magnetics Fujitsu
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com