Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC64PNF-G-JNE1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB85RC64PNF-G-JNE1
Description  64 K (8 K 횞 8) Bit I2C
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC64PNF-G-JNE1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB85RC64PNF-G-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MB85RC64
4
DS05–13109–3E
■ I2C COMMUNICATION PROTOCOL
The I2C bus is a two wire serial interface that uses a bidirectional data bus (SDA) and serial clock (SCL). A
data transfer can only be initiated by the bus master, which will also provide the serial clock for synchroni-
zation. The SDA signal should change while SCL is Low. However, as an exception, when starting and
stopping communication sequence, SDA is allowed to change while SCL is High.
• Start Condition
To start read or write operations by the I2C bus, set the SDA input from High to Low while the SCL input is
in High in order to start reading and writing.
• Stop Condition
Set the SDA input from Low to High while the SCL input is in High in order to terminate the I2C bus commu-
nication. Because the MB85RC64 does not need the writing wait time unlike E2PROM, it goes to the standby
state immediately after the stop condition input.
• Start Condition, Stop Condition
Note : The FRAM device does not need the programming wait time like tWC after issuing the Stop Condition
such as.
SCL
SDA
Start
Stop


Similar Part No. - MB85RC64PNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64PNF-G-JNE1 FUJITSU-MB85RC64PNF-G-JNE1 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
More results

Similar Description - MB85RC64PNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
   64 K (8 K 횞 8) ?볝긿?늆PI
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com