Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC16VPNF-G-JNE1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB85RC16VPNF-G-JNE1
Description  16 K (2 K 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC16VPNF-G-JNE1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB85RC16VPNF-G-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2011-2013 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2013.2
Memory FRAM
16 K (2 K
× 8) Bit I2C
MB85RC16V
■ DESCRIPTION
The MB85RC16V is an FRAM (Ferroelectric Random Access Memory) chip in a configuration of 2,048 words
×
8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the nonvolatile
memory cells.
Unlike SRAM, the MB85RC16V is able to retain data without using a data backup battery.
The memory cells used in the MB85RC16V have at least 1012 Read/Write operation endurance per byte,
which is a significant improvement over the number of read and write operations supported by other non-
volatile memory products.
The MB85RC16V can provide writing in one byte units because the long writing time is not required unlike
Flash memory and E2PROM. Therefore, the writing completion waiting sequence like a write busy state is
not required.
■ FEATURES
• Bit configuration
: 2,048 words
× 8 bits
• Two-wire serial interface
: Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency
: 1 MHz (Max)
• Read/Write endurance
: 1012 times / byte
• Data retention
: 10 years (
+ 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage : 3.0 V to 5.5 V
• Low power consumption
: Operating power supply current 90
μA (Typ @1 MHz)
Standby current 5
μA (Typ)
• Operation ambient temperature range:
− 40 °C to + 85 °C
• Package
: 8-pin plastic SOP (FPT-8P-M02)
RoHS compliant
DS501-00010-6v0-E


Similar Part No. - MB85RC16VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
More results

Similar Description - MB85RC16VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com