Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC04VPNF-G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB85RC04VPNF-G
Description  4 K (512 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC04VPNF-G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB85RC04VPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 11Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 12Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 13Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
MB85RC04V
10
DS501-00016-2v0-E
• Sequential Read
Data can be received continuously following the Device address word (R/W “1” input) after specifying the
address in the same way as for Random Read. If the read reaches the end of address, the read address
automatically rolls over to the first memory address (000H) and keeps reading.
•Device ID
The Device ID command reads fixed Device ID. The size of Device ID is 3 bytes and consists of manufacturer
ID and product ID. The Device ID is read-only and can be read out by following sequences.
a) The master sends the Reserved Slave ID F8H after the START condition.
b) The master sends the device address word after the ACK response from the slave.
In this device address word, the memory upper address (one bit) and R/W code are “Don't care” value.
c) The master re-sends the START condition followed by the Reserved Slave ID F9H after the ACK response
from the slave.
d) The master read out the Device ID succeedingly in order of Data Byte 1st / 2nd / 3rd after the ACK
response from the slave.
e) The master respnds the NACK (SDA is the “H” level) after reading 3 bytes of the Device ID.
In case the master respond the ACK after reading 3 bytes of the Device ID, the master re-reading the
Device ID from the 1st byte.
Stop Condition
ACK (SDA is the "L" level)
A
P
NACK (SDA is the "H" level)
N
AA
A
N P
Read
Data 8bits
Read
Data 8bits
Read
Data
...
...
Access from master
Access from slave
11 10
9876543210
11 10
9876543210
000000001010000000010000
Fujitsu Semiconductor
Density = 0H
Proprietary use
Manufacture ID = 00AH
Product ID = 010H
Data Byte 1st
Data Byte 2nd
Data Byte 3rd
Reserved
Slave ID
(F8H)
Reserved
Slave ID
(F9H)
A 1010 A2 A1A8
R
/
W
AS
S
A Data Byte
1st
Data Byte
2nd
Data Byte
3rd
AA
N P
S
P
A
N
Access from master
Access from slave
Stop Condition
ACK (SDA is the "L" level)
NACK (SDA is the "H" level)
Start Condition


Similar Part No. - MB85RC04VPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results

Similar Description - MB85RC04VPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
   4 M (512 K 횞 8) Bit Quad SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
logo
Cypress Semiconductor
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com