Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB85RC04VPNF-G Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB85RC04VPNF-G
Description  4 K (512 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC04VPNF-G Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB85RC04VPNF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC04VPNF-G Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MB85RC04V
DS501-00016-2v0-E
7
■ DATA STRUCTURE
The master inputs the device address word (8 bits) following the start condition, and then the slave outputs
the Acknowledge “L” level on the 9th bit. After confirming the Acknowledge response, the sequential 8-bit
memory lower address is input, to the byte write, page write and random read commands.
As for the current address read command, inputting the memory lower address is not performed, and the
address buffer lower 8-bit is used as the memory lower address.
When inputting the memory lower address finishes, the slave outputs the Acknowledge “L” level on the 9th
bit again.
Afterwards, the input and the output data continue in 8-bit units, and then the Acknowledge “L” level is output
for every 8-bit data.
■ FRAM ACKNOWLEDGE -- POLLING NOT REQUIRED
The MB85RC04V performs the high speed write operations, so any waiting time for an ACK* by the acknowl-
edge polling does not occur.
*: In E2PROM, the Acknowledge Polling is performed as a progress check whether rewriting is executed or not.
It is normal to judge by the 9th bit of Acknowledge whether rewriting is performed or not after inputting the
start condition and then the device address word (8 bits) during rewriting.
■ WRITE PROTECT (WP)
The entire memory array can be write protected by setting the WP pin to the “H” level. When the WP pin is
set to the “L” level, the entire memory array will be rewritten. Reading is allowed regardless of the WP pin's
“H” level or “L” level.
Do not change the WP signal level during the communication period from the start condition to the stop
condition.
Note : The WP pin is pulled down internally to the VSS pin, therefore if the WP pin is open, the pin status is
recognized as the “L” level (write enabled).


Similar Part No. - MB85RC04VPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results

Similar Description - MB85RC04VPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
   4 M (512 K 횞 8) Bit Quad SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
logo
Cypress Semiconductor
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com