Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0553 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PF0553
Description  POWER MAGNETICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0553 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PF0553 Datasheet HTML 1Page - Pulse A Technitrol Company PF0553 Datasheet HTML 2Page - Pulse A Technitrol Company PF0553 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6
www.power.pulseelectronics.com
(7.6 x 7.6 x 4.8 mm Max)
(10.4 x 10.4 x 4 mm Max)
(12.2 x 12.2 x 4.5 mm Max)
(12.2 x 12.2 x 6 mm Max)
(12.2 x 12.2 x 8 mm Max)
(12.5 x 12.5 x 6 mm Max)
(7.6 x 7.6 x 3.8 mm Max)
P1167
PF0560
P1168, P1169, PA4303
P1170, P1171, PA4304
P1172, P1173
PF0552
P1166
POWER MAGNETICS
PRODUCT OVERVIEW: SMT SHIELDED DRUM CORE INDUCTORS (CON'T)
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
3.5A
0.36A
1.2A
3.0A
2.0A
1.1A
0.34A
0.19A
14A
9.5A
1.7A
4.5A
2.0A
0.65A
2.6A
3.0A
7.5A
5.5A
1.6A
2.0A
3.5A
0.63A
1.25A
6.5A
3.8A
0.52A
3.6A
14A
1.2A
0.4A
13A
4.4A
14A
14.2A
6A
2.2A
0.65A
2.1A
5.2A
1.4A
0.46A
0.19A
0.5A
1.0A
0.56A
0.15A
0.19A
0.54A
0.06A
0.8A
0.28A
0.07A
1.2A
3.0A
(12.5 x 12.5 x 8 mm Max)
PF0553
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
17A
2.0A
12A
20A
7.1A
8.6A
15A
30A
12.6A
6.5A
6.0A
4.3A
1.9A
0.61A
6A
3.5A
1.1A
2.0A
1.8A
0.56A
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000


Similar Part No. - PF0553

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0553.102NL PULSE-PF0553.102NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
PF0553.102NL PULSE-PF0553.102NL Datasheet
320Kb / 4P
   Shielded Drum Core
PF0553.103NL PULSE-PF0553.103NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
PF0553.103NL PULSE-PF0553.103NL Datasheet
320Kb / 4P
   Shielded Drum Core
PF0553.104NL PULSE-PF0553.104NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
More results

Similar Description - PF0553

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
   POWER MAGNETICS
logo
Bel Fuse Inc.
0571-4000-01 BEL-0571-4000-01 Datasheet
62Kb / 2P
   POWER MAGNETICS
logo
Pulse A Technitrol Comp...
ER19 PULSE-ER19 Datasheet
1Mb / 3P
   POWER MAGNETICS
logo
Coilcraft lnc.
C0972-AL COILCRAFT-C0972-AL Datasheet
111Kb / 2P
   SMT Power Magnetics
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
Bel Fuse Inc.
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
   POWER MAGNETICS Through Hole Inductor
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
logo
XFMRS Inc.
XF0456B4 XFMRS-XF0456B4 Datasheet
44Kb / 1P
   MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com