Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0752 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0752
Description  SMT UNSHIELDED DRUM CORE INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0752 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0752 Datasheet HTML 1Page - Pulse A Technitrol Company P0752 Datasheet HTML 2Page - Pulse A Technitrol Company P0752 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4
www.power.pulseelectronics.com
(12.8 x 12.8 x 8 mm Max)
(18.5 x 15.2 x 11.4 mm Max)
(18.6 x 15.2 x 7.4 mm Max)
(22.3 x 15.1 x 7.5 mm Max)
(23.9 x 20.8 x 10.2 mm Max)
POWER MAGNETICS
PRODUCT OVERVIEW: SMT UNSHIELDED DRUM CORE INDUCTORS
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
20A
2.0A
12A
20A
7.1A
8.6A
15A
30A
12.6A
6.5A
6.0A
4.3A
3.5A
1.0A
11A
3.5A
1.1A
2.0A
1.8A
0.56A
0.1
1
10
100
1000
Inductance (uH)
(12.8 x 12.8 x 6 mm Max)
PA4309
PA4310
PF0504
P0250
P1252
PB2020


Similar Part No. - P0752

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0752.104 PULSE-P0752.104 Datasheet
373Kb / 2P
   SMT Power Inductors
P0752.104NL PULSE-P0752.104NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS
P0752.105 PULSE-P0752.105 Datasheet
373Kb / 2P
   SMT Power Inductors
P0752.105NL PULSE-P0752.105NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS
P0752.154 PULSE-P0752.154 Datasheet
373Kb / 2P
   SMT Power Inductors
More results

Similar Description - P0752

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
PB2020NL PULSE-PB2020NL Datasheet
96Kb / 1P
   SMT POWER INDUCTORS Unshielded Drum Core - PB2020NL Series
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL0607 EATON-RL0607 Datasheet
768Kb / 4P
   Unshielded radial leaded drum core inductors
logo
Pulse A Technitrol Comp...
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL1011 EATON-RL1011 Datasheet
578Kb / 4P
   Unshielded radial leaded drum core inductors
logo
Pulse A Technitrol Comp...
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL1218 EATON-RL1218 Datasheet
770Kb / 4P
   Unshielded radial leaded drum core inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com