Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4308 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4308
Description  SMT UNSHIELDED DRUM CORE INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4308 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4308 Datasheet HTML 1Page - Pulse A Technitrol Company PA4308 Datasheet HTML 2Page - Pulse A Technitrol Company PA4308 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
www.power.pulseelectronics.com
(6.6 x 4.5 x2.9 mm Max)
(6 x 5.4 x 4.85 mm Max)
(6.3 x 6.3 x 3.2 mm Max)
(7.3 x 7.3 x 3.1 mm Max)
(7.3 x 7.3 x 4.8 mm Max)
(8.9 x 6.1 x 5.1 mm Max)
(10.2 x 9.3 x 5.6 mm Max)
(10.3 x 9.3 x 4.4 mm Max)
(13 x 9.4 x 3 mm Max)
(13 x 9.4 x 5.5 mm Max)
(13 x 9.4 x 11 mm Max)
(13 x 9.9 x 6.4 mm Max)
(7.3 x 7.3 x 3.5 mm Max)
POWER MAGNETICS
PRODUCT OVERVIEW: SMT UNSHIELDED DRUM CORE INDUCTORS
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
3.1A
2.9A
8.5A
4.5A
1.5A
6.1A
2.1A
2.1A
5.9A
2.8A
7.5A
4.3A
12A
6.0A
1.5A
2.6A
0.97A
0.76A
2.5A
0.32A
2.0A
0.6A
6.8A
3.8A
4.9A
17A
10A
3.7A
0.2A
1.5A
1.2A
0.3A
0.05A
0.24A
3.6A
1.3A
0.47A
0.22A
0.75A
0.3A
1.0A
0.41A
1.1A
0.2A
0.3A
1.1A
0.35A
0.52A
0.65A
0.2A
(4.7 x 4.2 x 3.5 mm Max)
PF0580
P0770
PG0016
PA4305
PA4306
PA4307
PA4308
PA0390
PG0015
PF0581
P0762
P0751/P0752
PF0382 or PF0698
PF0638


Similar Part No. - PA4308

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4308.102NLT PULSE-PA4308.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4308.103NLT PULSE-PA4308.103NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4308.104NLT PULSE-PA4308.104NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4308.105NLT PULSE-PA4308.105NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4308.124NLT PULSE-PA4308.124NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
More results

Similar Description - PA4308

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
PB2020NL PULSE-PB2020NL Datasheet
96Kb / 1P
   SMT POWER INDUCTORS Unshielded Drum Core - PB2020NL Series
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL0607 EATON-RL0607 Datasheet
768Kb / 4P
   Unshielded radial leaded drum core inductors
logo
Pulse A Technitrol Comp...
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL1011 EATON-RL1011 Datasheet
578Kb / 4P
   Unshielded radial leaded drum core inductors
logo
Pulse A Technitrol Comp...
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL1218 EATON-RL1218 Datasheet
770Kb / 4P
   Unshielded radial leaded drum core inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com