Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82MC3470AA70K Datasheet(PDF) 8 Page - Kemet Corporation

Part # R82MC3470AA70K
Description  R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82MC3470AA70K Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R82MC3470AA70K Datasheet HTML 4Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 5Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 6Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 7Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 8Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 9Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 10Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 11Page - Kemet Corporation R82MC3470AA70K Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3101_R82 • 9/27/2016
8
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R82 Series, Radial, 5 mm Lead Spacing, 50 – 400 VDC (Automotive Grade)
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
100
63
0.0033
2.5
6.5
7.2
5.0
200
40000
82EC1330(1)50(2)
R82EC1330(1)50(2)
100
63
0.0047
2.5
6.5
7.2
5.0
200
40000
82EC1470(1)50(2)
R82EC1470(1)50(2)
100
63
0.0068
2.5
6.5
7.2
5.0
200
40000
82EC1680(1)50(2)
R82EC1680(1)50(2)
100
63
0.010
2.5
6.5
7.2
5.0
200
40000
82EC2100(1)50(2)
R82EC2100(1)50(2)
100
63
0.015
2.5
6.5
7.2
5.0
200
40000
82EC2150(1)50(2)
R82EC2150(1)50(2)
100
63
0.022
2.5
6.5
7.2
5.0
200
40000
82EC2220(1)50(2)
R82EC2220(1)50(2)
100
63
0.033
2.5
6.5
7.2
5.0
200
40000
82EC2330(1)50(2)
R82EC2330(1)50(2)
100
63
0.047
2.5
6.5
7.2
5.0
200
40000
82EC2470(1)60(2)
R82EC2470(1)60(2)
100
63
0.068
2.5
6.5
7.2
5.0
200
40000
82EC2680(1)60(2)
R82EC2680(1)60(2)
100
63
0.10
2.5
6.5
7.2
5.0
200
40000
82EC3100(1)70(2)
R82EC3100(1)70(2)
100
63
0.15
3.5
7.5
7.2
5.0
200
40000
82EC3150(1)70(2)
R82EC3150(1)70(2)
100
63
0.22
3.5
7.5
7.2
5.0
200
40000
82EC3220(1)70(2)
R82EC3220(1)70(2)
100
63
0.33
4.5
9.5
7.2
5.0
200
40000
82EC3330(1)70(2)
R82EC3330(1)70(2)
100
63
0.47
4.5
9.5
7.2
5.0
200
40000
82EC3470(1)70(2)
R82EC3470(1)70(2)
100
63
0.68
5.0
10.0
7.2
5.0
200
40000
82EC3680(1)70(2)
R82EC3680(1)70(2)
100
63
1.00
6.0
11.0
7.2
5.0
200
40000
82EC4100(1)70(2)
R82EC4100(1)70(2)
250
140
0.022
2.5
6.5
7.2
5.0
130
65000
82IC2220(1)60(2)
R82IC2220(1)60(2)
250
140
0.047
3.5
7.5
7.2
5.0
130
65000
82IC2470(1)60(2)
R82IC2470(1)60(2)
250
140
0.068
3.5
7.5
7.2
5.0
130
65000
82IC2680(1)60(2)
R82IC2680(1)60(2)
250
140
0.10
4.5
9.5
7.2
5.0
130
65000
82IC3100(1)60(2)
R82IC3100(1)60(2)
250
140
0.15
5.0
10.0
7.2
5.0
130
65000
82IC3150(1)60(2)
R82IC3150(1)60(2)
250
140
0.22
6.0
11.0
7.2
5.0
130
65000
82IC3220(1)60(2)
R82IC3220(1)60(2)
250
160
0.0068
2.5
6.5
7.2
5.0
250
125000
82IC1680(1)50(2)
R82IC1680(1)50(2)
250
160
0.010
2.5
6.5
7.2
5.0
250
125000
82IC2100(1)50(2)
R82IC2100(1)50(2)
250
160
0.015
2.5
6.5
7.2
5.0
250
125000
82IC2150(1)50(2)
R82IC2150(1)50(2)
250
160
0.022
3.5
7.5
7.2
5.0
250
125000
82IC2220(1)50(2)
R82IC2220(1)50(2)
250
160
0.033
3.5
7.5
7.2
5.0
250
125000
82IC2330(1)50(2)
R82IC2330(1)50(2)
250
160
0.047
4.5
9.5
7.2
5.0
250
125000
82IC2470(1)50(2)
R82IC2470(1)50(2)
250
160
0.068
4.5
9.5
7.2
5.0
250
125000
82IC2680(1)50(2)
R82IC2680(1)50(2)
250
160
0.10
5.0
10.0
7.2
5.0
250
125000
82IC3100(1)55(2)
R82IC3100(1)55(2)
250
160
0.15
6.0
11.0
7.2
5.0
250
125000
82IC3150(1)50(2)
R82IC3150(1)50(2)
400
160
0.0068
2.5
6.5
7.2
5.0
200
160000
82MC1680(1)60(2)
R82MC1680(1)60(2)
400
160
0.015
3.5
7.5
7.2
5.0
200
160000
82MC2150(1)60(2)
R82MC2150(1)60(2)
400
160
0.033
4.5
9.5
7.2
5.0
200
160000
82MC2330(1)60(2)
R82MC2330(1)60(2)
400
160
0.047
5.0
10.0
7.2
5.0
200
160000
82MC2470(1)60(2)
R82MC2470(1)60(2)
400
160
0.068
6.0
11.0
7.2
5.0
200
160000
82MC2680(1)60(2)
R82MC2680(1)60(2)
400
200
0.0010
2.5
6.5
7.2
5.0
400
320000
82MC1100(1)50(2)
R82MC1100(1)50(2)
400
200
0.0015
2.5
6.5
7.2
5.0
400
320000
82MC1150(1)50(2)
R82MC1150(1)50(2)
400
200
0.0022
2.5
6.5
7.2
5.0
400
320000
82MC1220(1)50(2)
R82MC1220(1)50(2)
400
200
0.0033
2.5
6.5
7.2
5.0
400
320000
82MC1330(1)50(2)
R82MC1330(1)50(2)
400
200
0.0047
2.5
6.5
7.2
5.0
400
320000
82MC1470(1)50(2)
R82MC1470(1)50(2)
400
200
0.0068
3.5
7.5
7.2
5.0
400
320000
82MC1680(1)50(2)
R82MC1680(1)50(2)
400
200
0.010
3.5
7.5
7.2
5.0
400
320000
82MC2100(1)50(2)
R82MC2100(1)50(2)
400
200
0.015
4.5
9.5
7.2
5.0
400
320000
82MC2150(1)50(2)
R82MC2150(1)50(2)
400
200
0.022
4.5
9.5
7.2
5.0
400
320000
82MC2220(1)50(2)
R82MC2220(1)50(2)
400
200
0.033
5.0
10.0
7.2
5.0
400
320000
82MC2330(1)50(2)
R82MC2330(1)50(2)
400
200
0.047
6.0
11.0
7.2
5.0
400
320000
82MC2470(1)50(2)
R82MC2470(1)50(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy
Part Number


Similar Part No. - R82MC3470AA70K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82MC1100AA50K KEMET-R82MC1100AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1000 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1100DQ50J KEMET-R82MC1100DQ50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1000 pF, 5%, 400 V, 85C, Lead Spacing = 5mm
R82MC1100Z350J KEMET-R82MC1100Z350J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1000 pF, 5%, 400 V, 85C, Lead Spacing = 5mm
R82MC1150DQ50K KEMET-R82MC1150DQ50K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1500 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
R82MC1220AA50K KEMET-R82MC1220AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2200 pF, 10%, 400 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82MC3470AA70K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
R75MN31505030J KEMET-R75MN31505030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.15 uF, 5%, 400 VDC, 85째C, Lead Spacing = 22.5mm
R75MI33305040J KEMET-R75MI33305040J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 85째C, Lead Spacing = 15mm
R75MR418050L3J KEMET-R75MR418050L3J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 400 VDC, 85째C, Lead Spacing = 27.5mm
R75MR433050H3J KEMET-R75MR433050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 3.3 uF, 5%, 400 VDC, 105째C, Lead Spacing = 27.5mm
R75MI333050H7J KEMET-R75MI333050H7J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 105째C, Lead Spacing = 15mm
R75MN410050H3J KEMET-R75MN410050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 400 VDC, 105째C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com