Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK12B-1M4Z5-Y Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # AMK12B-1M4Z5-Y
Description  STRAIGHT JACK w. HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

AMK12B-1M4Z5-Y Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  AMK12B-1M4Z5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12B-1M4Z5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12B-1M4Z5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
HFM®
High-Speed FAKRA Mini
STRAIGHT JACK
w. HOUSING
AMK12B-1M4Z5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Coding
Part Number has to be accomplished by codification
Coding
Color
RAL
Part-Number-RT
A
black
sim. 9005
AMK12B-1M4Z5-A
B
white
sim. 9010
AMK12B-1M4Z5-B
C
blue
sim. 5012
AMK12B-1M4Z5-C
D
bordeauxviolet
sim. 4004
AMK12B-1M4Z5-D
E
green
sim. 6017
AMK12B-1M4Z5-E
F
brown
sim. 8011
AMK12B-1M4Z5-F
G
grey
sim. 7036
AMK12B-1M4Z5-G
H
light pink
sim. 3015
AMK12B-1M4Z5-H
J
beige
sim. 1001
AMK12B-1M4Z5-J
K
curry
sim. 1027
AMK12B-1M4Z5-K
Z
waterblue
sim. 5021
AMK12B-1M4Z5-Z
traffic purple
sim. 4006
secondary lock
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
C. Anfang
14.09.16
C. Anfang
19.09.16
100
16-v525
M. Volkmar
19.09.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - AMK12B-1M4Z5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12B-1M4Z5-B ROSENBERGER-AMK12B-1M4Z5-B Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
More results

Similar Description - AMK12B-1M4Z5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12B-102Z5-Y ROSENBERGER-AMK12B-102Z5-Y Datasheet
772Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-Y ROSENBERGER-AMK12A-1M4Z5-Y Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-102Z5-Y ROSENBERGER-AMK12A-102Z5-Y Datasheet
700Kb / 3P
   STRAIGHT JACK w. HOUSING
32K151-K00L5 ROSENBERGER-32K151-K00L5 Datasheet
223Kb / 2P
   ADAPTOR SMA JACK ??BNC 50 W JACK
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
60K131-815N1 ROSENBERGER-60K131-815N1 Datasheet
63Kb / 2P
   STRAIGHT JACK
51K107-803N5 ROSENBERGER-51K107-803N5 Datasheet
44Kb / 2P
   STRAIGHT JACK
AMK12D-102Z5-Y ROSENBERGER-AMK12D-102Z5-Y Datasheet
711Kb / 3P
   STRAIGHT JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com