Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK12B-1M4Z5-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # AMK12B-1M4Z5-Y
Description  STRAIGHT JACK w. HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

AMK12B-1M4Z5-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  AMK12B-1M4Z5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12B-1M4Z5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12B-1M4Z5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
HFM®
High-Speed FAKRA Mini
STRAIGHT JACK
w. HOUSING
AMK12B-1M4Z5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 15 GHz
Return loss
≥ 25 dB, DC to 3 GHz
≥ 20 dB, DC to 6 GHz
≥ 15 dB, DC to 12 GHz
≥ 12 dB, DC to 15 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103 MΩ
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
RF-leakage ( optional )
≤ -60 dB up to 10 GHz
≤ -50 dB up to 15 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 30N
Disengagement force
≥ 2N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
RoHS
compliant
- Limitations are possible due to the used cable type -
Tooling
Crimp dimension acc. to assembly instruction
Suitable cables
RTK 031
Packing
Standard (optional)
TBD
Weight
ca. 2,4 g/pce


Similar Part No. - AMK12B-1M4Z5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12B-1M4Z5-B ROSENBERGER-AMK12B-1M4Z5-B Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
More results

Similar Description - AMK12B-1M4Z5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12B-102Z5-Y ROSENBERGER-AMK12B-102Z5-Y Datasheet
772Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-Y ROSENBERGER-AMK12A-1M4Z5-Y Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-102Z5-Y ROSENBERGER-AMK12A-102Z5-Y Datasheet
700Kb / 3P
   STRAIGHT JACK w. HOUSING
32K151-K00L5 ROSENBERGER-32K151-K00L5 Datasheet
223Kb / 2P
   ADAPTOR SMA JACK ??BNC 50 W JACK
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
60K131-815N1 ROSENBERGER-60K131-815N1 Datasheet
63Kb / 2P
   STRAIGHT JACK
51K107-803N5 ROSENBERGER-51K107-803N5 Datasheet
44Kb / 2P
   STRAIGHT JACK
AMK12D-102Z5-Y ROSENBERGER-AMK12D-102Z5-Y Datasheet
711Kb / 3P
   STRAIGHT JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com