Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82CC3470AA60K Datasheet(PDF) 2 Page - Kemet Corporation

Part # R82CC3470AA60K
Description  R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82CC3470AA60K Datasheet(HTML) 2 Page - Kemet Corporation

  R82CC3470AA60K Datasheet HTML 1Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 2Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 3Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 4Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 5Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 6Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 7Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 8Page - Kemet Corporation R82CC3470AA60K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3101_R82 • 9/27/2016
2
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R82 Series, Radial, 5 mm Lead Spacing, 50 – 400 VDC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
LL Lead Length
(mm)
Lead and
Packaging
Code
5
Standard Lead and Packaging Options
Bulk (Bag)–Short Leads
4+1.5/-0
AA
Ammo Pack
H
0=18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0 =18.5+/-0.5
CK
Bulk (Bag)–Short Leads
2.7+0.5/-0
JA
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
10+/-1
JC
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
17+1/-2
Z3
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
0.5
p
B
H
L
d
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
5.0
+/-0.4
2.5
+0.1
6.5
+0.1
7.2
+0.2
0.5
+/-0.05
5.0
+/-0.4
3.5
+0.1
7.5
+0.1
7.2
+0.2
0.5
+/-0.05
5.0
+/-0.4
4.5
+0.1
9.5
+0.1
7.2
+0.3
0.5
+/-0.05
5.0
+/-0.4
5.0
+0.1
10.0
+0.1
7.2
+0.3
0.5
+/-0.05
5.0
+/-0.4
6.0
+0.1
11.0
+0.1
7.2
+0.3
0.5
+/-0.05
5.0
+/-0.4
7.2
+0.1
13.0
+0.1
7.2
+0.3
0.6
+/-0.05
Note: See Ordering Options Table for lead length (LL/H0) options.


Similar Part No. - R82CC3470AA60K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82CC4220AA70J KEMET-R82CC4220AA70J Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
R82CC4220DQ70K KEMET-R82CC4220DQ70K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2.2 uF, 10%, 50 V, 85C, Lead Spacing = 5mm
R82CC4220Z370J KEMET-R82CC4220Z370J Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 2.2 uF, 5%, 50 V, 85C, Lead Spacing = 5mm
R82CC4330Z330J KEMET-R82CC4330Z330J Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R82, 3.3 uF, 5%, 50 V, 85C, Lead Spacing = 5mm
R82CC4470AA30K KEMET-R82CC4470AA30K Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester, Commercial Grade, 4.7 uF, 10%, 50 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82CC3470AA60K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
R75MN31505030J KEMET-R75MN31505030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.15 uF, 5%, 400 VDC, 85째C, Lead Spacing = 22.5mm
R75MI33305040J KEMET-R75MI33305040J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 85째C, Lead Spacing = 15mm
R75MR418050L3J KEMET-R75MR418050L3J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 400 VDC, 85째C, Lead Spacing = 27.5mm
R75MR433050H3J KEMET-R75MR433050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 3.3 uF, 5%, 400 VDC, 105째C, Lead Spacing = 27.5mm
R75MI333050H7J KEMET-R75MI333050H7J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 105째C, Lead Spacing = 15mm
R75MN410050H3J KEMET-R75MN410050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 400 VDC, 105째C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com