Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMC0J223ZFTP16 Datasheet(PDF) 2 Page - Kemet Corporation

Part # FMC0J223ZFTP16
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FMC0J223ZFTP16 Datasheet(HTML) 2 Page - Kemet Corporation

  FMC0J223ZFTP16 Datasheet HTML 1Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 2Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 3Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 4Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 5Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 6Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 7Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 8Page - Kemet Corporation FMC0J223ZFTP16 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Dimensions – Millimeters
D1 ±0.1
D2 ±0.1
B ±0.5
5 ±0.5
T ±0.5
Part Number
A
B
T
D
1
D
2
FM0H103ZF
11.5
10.5
5.0
0.5
0.4
FM0H223ZF
11.5
10.5
5.0
0.5
0.4
FM0H473ZF
11.5
10.5
5.0
0.5
0.4
FM0H104ZF
11.5
10.5
6.5
0.5
0.4
FM0H224ZF
11.5
10.5
6.5
0.5
0.4
FM0V473ZF
11.5
10.5
5.0
0.5
0.4
FM0V104ZF
11.5
10.5
5.0
0.5
0.4
FM0V224ZF
11.5
10.5
6.5
0.5
0.4
FM0J473ZF
11.5
10.5
6.5
0.5
0.4
FME0H223ZF
11.5
10.5
5.0
0.5
0.4
FME0H473ZF
11.5
10.5
5.0
0.5
0.4
FML0H333ZF
11.5
10.5
5.0
0.5
0.4
FMR0H473ZF
11.5
10.5
6.5
0.5
0.4
FMR0H104ZF
11.5
10.5
6.5
0.5
0.4
FMR0V104ZF
11.5
10.5
6.5
0.5
0.4
FMC0H473ZF
11.5
10.5
5.0
0.5
0.4
FMC0H104ZF
11.5
10.5
6.5
0.5
0.4
FMC0H334ZF
15.0
14.0
9.0
0.6
0.6
Lead Terminal Forming
L=2.2 to 5mm
Lead length designation
For transverse mounting <L1>
Add “L1” to the end of bulk part number for transverse mounting option


Similar Part No. - FMC0J223ZFTP16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FMC0J223ZFTP16 KEMET-FMC0J223ZFTP16 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

Similar Description - FMC0J223ZFTP16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com