Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T350E475K035AT7301 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T350E475K035AT7301
Description  Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 4.7 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T350E475K035AT7301 Datasheet(HTML) 1 Page - Kemet Corporation

  T350E475K035AT7301 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/28/2016 - 23c8ff8b-7aaa-4a1e-ab79-fdd1399ea201
KEMET Part Number: T350E475K035AT7301
(T350E475K035ATTR)
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 4.7 uF, +/-10% Tol, 35 V, Lead Spacing=2.54 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
D
5.5
H
8.9
F
0.5
+/-0.05
S
2.54
+/-0.38
LL
12.7
+/-1.26
Packaging Specifications
Package Kind: T&R
Package Size: 12in
Package Quantity: 1000
General Information
Supplier: KEMET
Application: General Purpose
Part Type Description: General Purpose Radial
Conformal (Dipped)
Body Type: Radial Conformal
Termination Type: Tin (Sn)
RoHS: Yes
Specifications
Capacitance: 4.7 uF
Tolerance: +/-10%
Voltage: 35 V (85C)
Voltage: 28 VDC (125C Surge)
Voltage: 0.35 V (125C Reverse)
Temperature Range: -55/+125C
Leakage Current: 1.3 uA
Dissipation Factor: 5%
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T350E475K035AT7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350E475K035AT KEMET-T350E475K035AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T350, 4.7 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
More results

Similar Description - T350E475K035AT7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350G106K035AT7301 KEMET-T350G106K035AT7301 Datasheet
70Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
T350G106M035AT7301 KEMET-T350G106M035AT7301 Datasheet
70Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-20% Tol, 35 V, Lead Spacing=2.54 mm
T353E475K035AT KEMET-T353E475K035AT Datasheet
76Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 4.7 uF, /-10% Tol, 35 V, Lead Spacing=5.08 mm
T351A105K035AT KEMET-T351A105K035AT Datasheet
76Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 1 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
T350A105K035AT7301 KEMET-T350A105K035AT7301 Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 1 uF, /-10% Tol, 35 V, Lead Spacing=2.54 mm
T350A105M035AT7301 KEMET-T350A105M035AT7301 Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 1 uF, /-20% Tol, 35 V, Lead Spacing=2.54 mm
T351E106K025AT KEMET-T351E106K025AT Datasheet
83Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 25 V, Lead Spacing=2.54 mm
T350C106M010AT KEMET-T350C106M010AT Datasheet
75Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-20% Tol, 10 V, Lead Spacing=2.54 mm
T350E106K025AT7301 KEMET-T350E106K025AT7301 Datasheet
76Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 25 V, Lead Spacing=2.54 mm
T355G106K035AT KEMET-T355G106K035AT Datasheet
77Kb / 1P
   Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 10 uF, /-10% Tol, 35 V, Lead Spacing=3.18 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com