Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F411JH101J250C Datasheet(PDF) 1 Page - Kemet Corporation

Part # F411JH101J250C
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F411JH101J250C Datasheet(HTML) 1 Page - Kemet Corporation

  F411JH101J250C Datasheet HTML 1Page - Kemet Corporation F411JH101J250C Datasheet HTML 2Page - Kemet Corporation F411JH101J250C Datasheet HTML 3Page - Kemet Corporation F411JH101J250C Datasheet HTML 4Page - Kemet Corporation F411JH101J250C Datasheet HTML 5Page - Kemet Corporation F411JH101J250C Datasheet HTML 6Page - Kemet Corporation F411JH101J250C Datasheet HTML 7Page - Kemet Corporation F411JH101J250C Datasheet HTML 8Page - Kemet Corporation F411JH101J250C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016
1
One world. One KEMET
Benefits
• Rated voltage: 63 – 1,000 VDC
• Rated voltage: 40 – 250 VAC
• Capacitance range: 0.0001 – 0.022 µF
• Lead spacing: 5 mm
• Capacitance tolerance: ±1%, ±2%, ±2.5%, ±5%, ±10%
• Climatic category: 55/100/56, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Categorytemperaturerangeof-55˚Cto+100˚C
Overview
ThePFRSeriesisacapacitorwithpolypropylenefilmand
metal foil electrodes, encapsulated in self-extinguishing
resin in a box of material meeting the requirements of UL 94
V–0.
Applications
Typical applications include high speed applications
requiring low losses at high frequencies and high dV/
dt, such as electrical ballasts, televisions, video and
telecommunications.
General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
Legacy Part Number System
PFR
5
101
J
63
J11
L4
BULK
Series
Lead Spacing
(mm)
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Size Code
Lead Length
Packaging
Polypropylene
Film/Foil
5 (Standard)
First two digits
represent
significant
figures.Third
digitspecifies
number of zeros.
F = ±1%
G = ±2%
H = ±2.5%
J = ±5%
K = ±10%
63 = 63
100 = 100
250 = 250
400 = 400
630 = 630
1000 = 1000
See Dimension
Table
Letter "L"
followed by lead
length in mm
See Ordering
Options Table
New KEMET Part Number System
F
411
J
H
101
J
063
C
Capacitor Class
Series
Lead Spacing
(mm)
Size Code
Capacitance Code
(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Packaging
F = Film
Polypropylene
Film/Foil
J = 5.0
See Dimension
Table
First two digits
represent
significant
figures.Third
digitspecifies
number of
zeros.
F = ±1%
G = ±2%
H = ±2.5%
J = ±5%
K = ±10%
063 = 63
100 = 100
250 = 250
400 = 400
630 = 630
1K0 = 1000
See Ordering
Options Table


Similar Part No. - F411JH101J250C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F411 LITTELFUSE-F411 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
F411-ND LITTELFUSE-F411-ND Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
More results

Similar Description - F411JH101J250C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com