Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59Z118-C00-H Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z118-C00-H
Description  PLASTIC HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z118-C00-H Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z118-C00-H Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z118-C00-H Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z118-C00-H Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
FAKRA-
HF
PLASTIC HOUSING
59Z118-C00-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Y = Part number has to be accomplished by codification
Interface
According to
ISO 20860-1; DIN 72594-1
Clips slot acc. to
USCAR 18 rev3 app. C
Material and plating
Connector parts
Material
Housing
PBT-GF10
Secondary lock
PBT-GF10
Mechanical data
Mating cycles
≥ 25
Retention force latch
≥ 110 N
Retention force primary lock
≥ 80 N
Retention force secondary lock
≥ 60 N
Coding efficiency
≥ 40 N
c
c
b


Similar Part No. - 59Z118-C00-H

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z113-000-A ROSENBERGER-59Z113-000-A Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-B ROSENBERGER-59Z113-000-B Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-C ROSENBERGER-59Z113-000-C Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-D ROSENBERGER-59Z113-000-D Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-E ROSENBERGER-59Z113-000-E Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
More results

Similar Description - 59Z118-C00-H

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z013-000-Y ROSENBERGER-59Z013-000-Y Datasheet
113Kb / 2P
   PLASTIC HOUSING
59Z063-000-Y ROSENBERGER-59Z063-000-Y Datasheet
364Kb / 2P
   PLASTIC HOUSING
59Z073-001-Y ROSENBERGER-59Z073-001-Y Datasheet
693Kb / 2P
   PLASTIC HOUSING
59Z073-C00-Y ROSENBERGER-59Z073-C00-Y Datasheet
680Kb / 2P
   PLASTIC HOUSING
59Z143-000-Y ROSENBERGER-59Z143-000-Y Datasheet
356Kb / 3P
   Plastic Housing
59Z067-000-Y ROSENBERGER-59Z067-000-Y Datasheet
719Kb / 2P
   PLASTIC HOUSING
59Z176-C01-Y ROSENBERGER-59Z176-C01-Y Datasheet
725Kb / 3P
   FAKRA PLASTIC HOUSING
59Z064-000-Y ROSENBERGER-59Z064-000-Y Datasheet
69Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z026-000-Y ROSENBERGER-59Z026-000-Y Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
logo
Green Power Solutions s...
GEDG1080 GPSEMI-GEDG1080_17 Datasheet
242Kb / 2P
   RECTIFIER DIODE, Plastic housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com