Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82EC3470AA50J Datasheet(PDF) 7 Page - Kemet Corporation

Part # R82EC3470AA50J
Description  R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82EC3470AA50J Datasheet(HTML) 7 Page - Kemet Corporation

Back Button R82EC3470AA50J Datasheet HTML 3Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 4Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 5Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 6Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 7Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 8Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 9Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 10Page - Kemet Corporation R82EC3470AA50J Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3101_R82 • 9/27/2016
7
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R82 Series, Radial, 5 mm Lead Spacing, 50 – 400 VDC (Automotive Grade)
Environmental Test Data
Damp Heat, Steady
State Test
Test Conditions:
Performances
Temperature:
Relative humidity (RH):
Test duration:
+40°C±2°C
93% ±2%
56 days
|ΔC/C|≤5%,
Δtanδ≤0.005@1kHz
IRaftertest≥50%ofinitiallimit
Endurance Test
Test Conditions
Performances
Temperature:
Voltage applied:
Test duration:
+105°C±2°C
1.25 x V
C
2,000 hours
|ΔC/C|≤5%,
Δtanδ≤0.003@10kHzforC≤1µF
Δtanδ≤0.002@1kHzforC>1µF
IRaftertest≥50%ofinitiallimit
Resistance to Soldering
Heat Test
Test Conditions
Performances
Solder bath temperature:
Dipping time (with heat
screen):
260°C±5°C
10 seconds ±1 second
|ΔC/C|≤2%,
Δtanδ≤0.003@10kHzforC≤1µF
Δtanδ≤0.002@1kHzforC>1µF
IRaftertest≥initiallimit
Environmental Compliance
All KEMET MKT capacitors are RoHS Compliant.
Table 1 – Ratings & Part Number Reference
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%
Bold denotes wound capacitor technology
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
50
30
2.2
6.0
11.0
7.2
5.0
100
10000
82CC4220(1)70(2)
R82CC4220(1)70(2)
50
30
3.3
7.2
13.0
7.2
5.0
25
2500
82CC4330(1)30(2)
R82CC4330(1)30(2)
50
30
4.7
7.2
13.0
7.2
5.0
25
2500
82CC4470(1)30(2)
R82CC4470(1)30(2)
63
40
0.10
2.5
6.5
7.2
5.0
160
20160
82DC3100(1)50(2)
R82DC3100(1)50(2)
63
40
0.15
2.5
6.5
7.2
5.0
160
20160
82DC3150(1)60(2)
R82DC3150(1)60(2)
63
40
0.22
2.5
6.5
7.2
5.0
160
20160
82DC3220(1)60(2)
R82DC3220(1)60(2)
63
40
0.33
3.5
7.5
7.2
5.0
160
20160
82DC3330(1)60(2)
R82DC3330(1)60(2)
63
40
0.47
3.5
7.5
7.2
5.0
160
20160
82DC3470(1)60(2)
R82DC3470(1)60(2)
63
40
0.68
4.5
9.5
7.2
5.0
160
20160
82DC3680(1)60(2)
R82DC3680(1)60(2)
63
40
1.0
5.0
10.0
7.2
5.0
160
20160
82DC4100(1)60(2)
R82DC4100(1)60(2)
63
40
1.5
6.0
11.0
7.2
5.0
160
20160
82DC4150(1)60(2)
R82DC4150(1)60(2)
100
63
0.0010
2.5
6.5
7.2
5.0
200
40000
82EC1100(1)50(2)
R82EC1100(1)50(2)
100
63
0.0015
2.5
6.5
7.2
5.0
200
40000
82EC1150(1)50(2)
R82EC1150(1)50(2)
100
63
0.0022
2.5
6.5
7.2
5.0
200
40000
82EC1220(1)50(2)
R82EC1220(1)50(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy
Part Number


Similar Part No. - R82EC3470AA50J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC3470-7 KEMET-R82EC3470-7 Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
R82EC3470CK70J KEMET-R82EC3470CK70J Datasheet
53Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.47 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC3470DQ70J KEMET-R82EC3470DQ70J Datasheet
61Kb / 1P
   Capacitor, film, Metallized Polyester (Stacked), 0.47 uF, /-5% Tol, -55/105C, General Purpose, 100 VDC@85C, Lead Spacing=5mm
R82EC3470DQ70K KEMET-R82EC3470DQ70K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.47 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82EC3470AA50J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
R75MN31505030J KEMET-R75MN31505030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.15 uF, 5%, 400 VDC, 85째C, Lead Spacing = 22.5mm
R75MI33305040J KEMET-R75MI33305040J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 85째C, Lead Spacing = 15mm
R75MR418050L3J KEMET-R75MR418050L3J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 400 VDC, 85째C, Lead Spacing = 27.5mm
R75MR433050H3J KEMET-R75MR433050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 3.3 uF, 5%, 400 VDC, 105째C, Lead Spacing = 27.5mm
R75MI333050H7J KEMET-R75MI333050H7J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 105째C, Lead Spacing = 15mm
R75MN410050H3J KEMET-R75MN410050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 400 VDC, 105째C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com