Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FME0H223ZFL118 Datasheet(PDF) 11 Page - Kemet Corporation

Part # FME0H223ZFL118
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FME0H223ZFL118 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button FME0H223ZFL118 Datasheet HTML 7Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 8Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 9Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 10Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 11Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 12Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 13Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 14Page - Kemet Corporation FME0H223ZFL118 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Ammo Pack Taping Format (FMC0H334ZFTP)
+
+
P2
b
P1
F
W4
P0
D0
c
t3
t2
t1
∆h
P
Ammo Pack Taping Specifications (FMC0H334ZFTP)
Item
Symbol
Dimensions (mm)
Component Height
a
15.0±0.5
Component Width
b
14.0±0.5
Component Thickness
c
9.0±0.5
Lead-Wire Width
W
4
0.6±0.1
Lead-Wire Thickness
t
3
0.6±0.1
Component Pitch
P
25.4±1.0
Sprocket Hole Pitch
P
0
12.7±0.3
Sprocket Hole Center to Lead Center
P
1
3.85±0.7
Sprocket Hole Center to Component Center
P
2
6.35±0.7
Lead Spacing
F
5.0±0.5
ComponentAlignment(side/side)
∆h
2.0 Maximum
Carrier Tape Width
W
18.0+1.0/−0.5
Hold-Down Tape Width
W
0
12.5 Minimum
Sprocket Hole Position
W
1
9.0±0.5
Hold-Down Tape Position
W
2
3.0 Maximum
HeighttoSeatingPlane(leadlength)
H
16.0±0.5/18.0±0.5
Sprocket Hole Diameter
D
0
ø4.0±0.2
Carrier Tape Thickness
t
1
0.67±0.2
TotalThickness(CarrierTape,Hold-DownTapeand
Lead)
t
2
1.7Maximum
Cut Out Length
L
11.0 Maximum


Similar Part No. - FME0H223ZFL118

ManufacturerPart #DatasheetDescription
logo
NEC
FME0H223ZF NEC-FME0H223ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF-L116 KEMET-FME0H223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZF-L118 KEMET-FME0H223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
logo
NEC
FME0H223ZFTP NEC-FME0H223ZFTP Datasheet
476Kb / 39P
   Super Capacitors
More results

Similar Description - FME0H223ZFL118

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com